Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPA7009CHIP Datasheet(PDF) 13 Page - Analog Devices

Part # ADPA7009CHIP
Description  20 GHz to 54 GHz, GaAs, pHEMT, MMIC, 29 dBm (0.5 W) Power Amplifier
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPA7009CHIP Datasheet(HTML) 13 Page - Analog Devices

Back Button ADPA7009CHIP Datasheet HTML 9Page - Analog Devices ADPA7009CHIP Datasheet HTML 10Page - Analog Devices ADPA7009CHIP Datasheet HTML 11Page - Analog Devices ADPA7009CHIP Datasheet HTML 12Page - Analog Devices ADPA7009CHIP Datasheet HTML 13Page - Analog Devices ADPA7009CHIP Datasheet HTML 14Page - Analog Devices ADPA7009CHIP Datasheet HTML 15Page - Analog Devices ADPA7009CHIP Datasheet HTML 16Page - Analog Devices ADPA7009CHIP Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
Data Sheet
ADPA7009CHIP
Rev. 0 | Page 13 of 28
40
10
18
56
FREQUENCY (GHz)
+85°C
+25°C
–20°C
12
14
16
18
20
22
24
26
28
30
32
34
36
38
20 22 24 26 28 30 32 34 36 38 40 42 44 46 48 50 52 54
Figure 40. Output IP3 vs. Frequency at +25°C, +85°C and −20°C,
POUT per Tone = 14 dBm, VDD = 5 V, IDQ = 750 mA
40
10
18
56
FREQUENCY (GHz)
12
14
16
18
20
22
24
26
28
30
32
34
36
38
20 22 24 26 28 30 32 34 36 38 40 42 44 46 48 50 52 54
950mA
850mA
750mA
650mA
550mA
Figure 41. Output IP3 vs. Frequency for Various IDQ Currents,
POUT per Tone = 14 dBm, VDD = 5 V
55
15
10
20
POUT PER TONE (dBm)
20
25
30
35
40
45
50
11
12
13
14
15
16
17
18
19
22GHz
26GHz
30GHz
36GHz
40GHz
44GHz
50GHz
54GHz
Figure 42. Third-Order Intermodulation Distortion (IM3) vs. POUT per Tone,
VDD = 4 V, IDQ = 750 mA
1000
650
–10
14
INPUT POWER (dBm)
+85°C
+25°C
–55°C
700
750
800
850
900
950
–8
–6
–4
–2
0
2
4
6
8
10
12
Figure 43. Drain Supply Current vs. Input Power at Various Frequencies,
VDD = 5 V, IDQ = 750 mA
40
10
18
56
FREQUENCY (GHz)
12
14
16
18
20
22
24
26
28
30
32
34
36
38
20 22 24 26 28 30 32 34 36 38 40 42 44 46 48 50 52 54
5V
4V
Figure 44. Output IP3 vs. Frequency for Various Supply Voltages,
POUT per Tone = 14 dBm, IDQ = 750 mA
55
15
10
20
POUT PER TONE (dBm)
20
25
30
35
40
45
50
11
12
13
14
15
16
17
18
19
22GHz
26GHz
30GHz
36GHz
40GHz
44GHz
50GHz
54GHz
Figure 45. IM3 vs. POUT per Tone, VDD = 5 V, IDQ = 750 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com