Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPA7009CHIP Datasheet(PDF) 25 Page - Analog Devices

Part # ADPA7009CHIP
Description  20 GHz to 54 GHz, GaAs, pHEMT, MMIC, 29 dBm (0.5 W) Power Amplifier
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPA7009CHIP Datasheet(HTML) 25 Page - Analog Devices

Back Button ADPA7009CHIP Datasheet HTML 20Page - Analog Devices ADPA7009CHIP Datasheet HTML 21Page - Analog Devices ADPA7009CHIP Datasheet HTML 22Page - Analog Devices ADPA7009CHIP Datasheet HTML 23Page - Analog Devices ADPA7009CHIP Datasheet HTML 24Page - Analog Devices ADPA7009CHIP Datasheet HTML 25Page - Analog Devices ADPA7009CHIP Datasheet HTML 26Page - Analog Devices ADPA7009CHIP Datasheet HTML 27Page - Analog Devices ADPA7009CHIP Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 25 / 28 page
background image
Data Sheet
ADPA7009CHIP
Rev. 0 | Page 25 of 28
35
10
15
20
25
30
–5
13
INPUT POWER (dBm)
–3
–1
1
3
5
7
9
11
CONSTANT GATE VOLTAGE
CONSTANT DRAIN CURRENT
Figure 77. POUT vs. Input Power, VDD = 5 V, Frequency = 36 GHz,
Constant Drain Current Bias (IDRAIN Setpoint = 850 mA) and
Constant Gate Voltage Bias (VGGx ≈ −0.63 V)
36
10
18
56
FREQUENCY (GHz)
20 22 24 26 28 30 32 34 36 38 40 42 44 46 48 50 52 54
12
14
16
18
20
22
24
26
28
30
32
34
CONSTANT GATE VOLTAGE
CONSTANT DRAIN CURRENT
Figure 78. P1dB vs. Frequency, VDD = 5 V,
Constant Drain Current Bias (IDRAIN Setpoint = 850 mA) and
Constant Gate Voltage Bias (VGGx ≈ −0.63 V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com