Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPA7009CHIP Datasheet(PDF) 21 Page - Analog Devices

Part # ADPA7009CHIP
Description  20 GHz to 54 GHz, GaAs, pHEMT, MMIC, 29 dBm (0.5 W) Power Amplifier
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPA7009CHIP Datasheet(HTML) 21 Page - Analog Devices

Back Button ADPA7009CHIP Datasheet HTML 17Page - Analog Devices ADPA7009CHIP Datasheet HTML 18Page - Analog Devices ADPA7009CHIP Datasheet HTML 19Page - Analog Devices ADPA7009CHIP Datasheet HTML 20Page - Analog Devices ADPA7009CHIP Datasheet HTML 21Page - Analog Devices ADPA7009CHIP Datasheet HTML 22Page - Analog Devices ADPA7009CHIP Datasheet HTML 23Page - Analog Devices ADPA7009CHIP Datasheet HTML 24Page - Analog Devices ADPA7009CHIP Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
Data Sheet
ADPA7009CHIP
Rev. 0 | Page 21 of 28
BIASING THE ADPA7009CHIP WITH THE HMC980LP4E
The HMC980LP4E is an active bias controller that is designed
to meet the bias requirements for enhancement mode and
depletion mode amplifiers such as the ADPA7009CHIP.
The controller provides constant drain current biasing over
temperature and device to device variation, and properly
sequences gate and drain voltages to ensure the safe operation of
the amplifier. The HMC980LP4E also offers self-protection in
the event of a short circuit, an internal charge pump that
generates the negative voltage needed on the gate of the
ADPA7008CHIP, and the option to use an external negative
voltage source. The HMC980LP4E is also available in die form
as the HMC980-Die.
13
1
3
4
2
VDD
VDD
S0
S1
5
6
EN
ALM
VG2_CONT
14 VG2
15 VNEG
16 VGATE
17 VDRAIN
18 VDRAIN
HMC980LP4E
CONTROL
BLOCK
GATE
CONTROL
+
BAND GAP
NEGATIVE
VOLTAGE
GENERATOR
PACKAGE
BASE
GND
Figure 68. HMC980LP4E Active Bias Control
APPLICATION CIRCUIT SETUP
Figure 69 shows an application circuit using the HMC980LP4E
to control the ADPA7009CHIP. When using an external
negative supply for VNEG, refer to the application circuit
shown in Figure 70.
In the application circuit shown in Figure 69, the
ADPA7009CHIP drain voltage, VDRAIN, and drain current,
IDRAIN, are set by the following equations:
VDD = VDRAIN + (IDRAIN × 0.85 Ω)
(1)
VDD = 5 V + (0.85 A × 0.85 Ω) = 5.72 V
where:
VDD and VDRAIN are in volts.
IDRAIN is in amperes.
R10 = (150 Ω × A) ÷ (IDRAIN)
(2)
R10 = (150 Ω × A) ÷ (0.85 A) = 176 Ω
where:
R10 is in ohms.
IDRAIN is in amperes.
LIMITING VGATE FOR THE ADPA7009CHIP VGGx
ABSOLUTE MAXIMUM RATING REQUIREMENT
When using the HMC980LP4E to control the ADPA7009CHIP,
the minimum voltages for VNEG and VGATE must be −1.5 V
to keep the voltages within the absolute maximum rating limit
for the VGGx pad of the ADPA7009CHIP. To set the minimum
voltages, set R15 and R16 to the values shown in Figure 69 and
Figure 70. Refer to the AN-1363 Application Note for more
information and calculations for R15 and R16.
The HMC980LP4E application circuits for biasing figures in
the AN-1363 are two examples of how the HMC980LP4E is
used as an active bias controller. Both application circuits
within the AN-1363 show the R5 and R7 resistors, which are
analogous to the R15 and R16 resistor shown in Figure 69 and
Figure 70.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com