Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPA7009CHIP Datasheet(PDF) 14 Page - Analog Devices

Part # ADPA7009CHIP
Description  20 GHz to 54 GHz, GaAs, pHEMT, MMIC, 29 dBm (0.5 W) Power Amplifier
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPA7009CHIP Datasheet(HTML) 14 Page - Analog Devices

Back Button ADPA7009CHIP Datasheet HTML 10Page - Analog Devices ADPA7009CHIP Datasheet HTML 11Page - Analog Devices ADPA7009CHIP Datasheet HTML 12Page - Analog Devices ADPA7009CHIP Datasheet HTML 13Page - Analog Devices ADPA7009CHIP Datasheet HTML 14Page - Analog Devices ADPA7009CHIP Datasheet HTML 15Page - Analog Devices ADPA7009CHIP Datasheet HTML 16Page - Analog Devices ADPA7009CHIP Datasheet HTML 17Page - Analog Devices ADPA7009CHIP Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
ADPA7009CHIP
Data Sheet
Rev. 0 | Page 14 of 28
1100
700
–10
14
INPUT POWER (dBm)
750
800
850
900
950
1000
1050
–8
–6
–4
–2
0
2
4
6
8
10
12
22GHz
26GHz
30GHz
36GHz
40GHz
44GHz
50GHz
54GHz
Figure 46. Drain Supply Current vs. Input Power at Various Temperature,
36 GHz, VDD = 5 V, IDQ = 750 mA
1200
–100
–1.5
–0.4
GATE VOLTAGE (V)
0
100
200
300
400
500
600
700
800
900
1000
1100
–1.4 –1.3 –1.2 –1.1 –1.0 –0.9 –0.8 –0.7 –0.6 –0.5
+85°C
+25°C
–55°C
Figure 47. Drain Supply Current vs. Gate Voltage at Various Temperature
1
0.1
0.01
11
29
OUTPUT POWER (dBm)
13
15
17
19
21
23
25
27
+85°C
+25°C
–55°C
Figure 48. Detector Voltage (VREF – VDET) vs. Output Power for Various
Temperatures at 36 GHz
1
0.1
0.01
911
29
OUTPUT POWER (dBm)
13
15
17
19
21
23
25
27
22GHz
24GHz
30GHz
36GHz
40GHz
44GHz
50GHz
54GHz
Figure 49. Detector Voltage (VREF – VDET) vs. Output Power for Various
Frequencies
FREQUENCY(GHz)
20
10
1
0.1
0.01
22 24 26 28 30 32 34 36 38 40 42 44 46 48 50 52 54
10dBm
12dBm
14dBm
16dBm
18dBm
20dBm
22dBm
24dBm
26dBm
Figure 50. Detector Voltage (VREF – VDET) vs. Frequency
for Various Output Powers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com