Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADXL317 Datasheet (PDF) - Analog Devices

Part # ADXL317
Description  3-Axis, 짹16 g, I2S Digital Accelerometer
File Size   637.95 Kbytes
Html View  1   2   3   4   5   6   7   8   9    Next
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADXL317 Datasheet (PDF) - Analog Devices



Similar Part No. - ADXL317

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADXL311 AD-ADXL311 Datasheet
419Kb / 12P
Low Cost, Ultracompact 짹2 g Dual-Axis Accelerometer
7/03-Data sheet changed from Rev. 0 to Rev. A.
ADXL311JE AD-ADXL311JE Datasheet
419Kb / 12P
Low Cost, Ultracompact 짹2 g Dual-Axis Accelerometer
7/03-Data sheet changed from Rev. 0 to Rev. A.
ADXL311JE-REEL AD-ADXL311JE-REEL Datasheet
419Kb / 12P
Low Cost, Ultracompact 짹2 g Dual-Axis Accelerometer
7/03-Data sheet changed from Rev. 0 to Rev. A.
ADXL311 AD-ADXL311_15 Datasheet
662Kb / 12P
Ultracompact 2g Dual-Axis Accelerometer
REV. B
ADXL312 AD-ADXL312 Datasheet
434Kb / 32P
3-Axis, 짹1.5 g/짹3 g/짹6 g/짹12 g Digital Accelerometer
REV. 0
More results


Similar Description - ADXL317

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADXL326 AD-ADXL326 Datasheet
308Kb / 16P
Small, Low Power, 3-Axis 짹16 g Accelerometer
REV. 0
ADXL346 AD-ADXL346 Datasheet
688Kb / 32P
3-Axis, 짹2 g/짹4 g/짹8 g/짹16 g Ultralow Power Digital Accelerometer
Rev. PrC
ADXL346 AD-ADXL346_1 Datasheet
704Kb / 40P
3-Axis, 짹2 g/짹4 g/짹8 g/짹16 g Ultralow Power DIgital Accelerometer
REV. 0
ADXL343 AD-ADXL343 Datasheet
649Kb / 36P
3-Axis, 짹2 g/짹4 g/짹8 g/짹16 g
Rev. PrA
ADXL375 AD-ADXL375 Datasheet
534Kb / 32P
3-Axis, 200 g Digital Accelerometer
REV. 0
ADXL344 AD-ADXL344 Datasheet
593Kb / 40P
3-Axis, 짹2 g/짹4 g/짹8 g/짹16 g Ultralow Power Digital MEMS Accelerometer
4/12-Revision 0
logo
NXP Semiconductors
FXLS8967AF NXP-FXLS8967AF Datasheet
1Mb / 98P
3-Axis Low-g Accelerometer
Rev. 1-27 April 2021
logo
Analog Devices
ADXL314 AD-ADXL314 Datasheet
1Mb / 28P
짹200 g Range, 3-Axis Digital Accelerometer
Rev. 0
logo
NXP Semiconductors
FXLS8964AF NXP-FXLS8964AF_V01 Datasheet
1Mb / 98P
3-Axis Low-g Accelerometer
Rev. 3.4 - 7 December 2021
logo
Analog Devices
ADXL314 AD-ADXL314_V01 Datasheet
1Mb / 27P
±200 g Range, 3-Axis Digital Accelerometer
Rev. A
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com