Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMP212SRI Datasheet (PDF) - Power Integrations, Inc.

Part # SMP212SRI
Description  PWM POWER SUPPLY IC 85-265 VAC INPUT ISOLATED, REGULATED DC OUTPUT
File Size   1312.44 Kbytes
Html View  1   2   3   4   5   6   7   8   9    Next
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

SMP212SRI Datasheet (PDF) - Power Integrations, Inc.



Similar Part No. - SMP212SRI

ManufacturerPart #DatasheetDescription
logo
ETAL Group
SMP21-L20-DC24V-10A ETAL-SMP21-L20-DC24V-10A Datasheet
416Kb / 6P
The devices switches over automatically when connected to AC 115 V AC and 230 V
SMP21-L20-DC24V-20A ETAL-SMP21-L20-DC24V-20A Datasheet
425Kb / 6P
Wide range voltage input from AC 90 to 264 V
SMP21-L20-DC24V-5A ETAL-SMP21-L20-DC24V-5A Datasheet
414Kb / 6P
The devices switches over automatically when connected to AC 115 V AC and 230 V
SMP21-S20-DC24V-10A ETAL-SMP21-S20-DC24V-10A Datasheet
416Kb / 6P
The devices switches over automatically when connected to AC 115 V AC and 230 V
SMP21-S20-DC24V-20A ETAL-SMP21-S20-DC24V-20A Datasheet
425Kb / 6P
Wide range voltage input from AC 90 to 264 V
More results


Similar Description - SMP212SRI

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
RD2 POWERINT-RD2 Datasheet
114Kb / 12P
85 to 132 VAC or 170 to 265 VAC Input, 8W(10W Peak) Output
RD5 POWERINT-RD5 Datasheet
122Kb / 12P
Reference Design Board 85 to 265 VAC Input, 20W (30W Peak) Output
RD6 POWERINT-RD6 Datasheet
162Kb / 12P
85 to 265 VAC Input, 15W Output USB Reference Design Board
RD8 POWERINT-RD8 Datasheet
133Kb / 12P
85 to 265 VAC Input, 3 W Output Reference Design Board
logo
Microdc power Technolog...
2E-XSR MICRODC-2E-XSR Datasheet
401Kb / 2P
FIXED INPUT,ISOLATED REGULATED Dual Output DC/DC Converter
F-XSR MICRODC-F-XSR Datasheet
455Kb / 2P
FIXED INPUT,ISOLATED®ULATED Single Output DC/DC Converter
logo
Powerbox
PBKAM15 POWERBOX-PBKAM15 Datasheet
151Kb / 1P
Universal input 85 - 265 VAC
PBKAMN30 POWERBOX-PBKAMN30 Datasheet
163Kb / 1P
Universal input 85 - 265 VAC
PBKAMN40 POWERBOX-PBKAMN40 Datasheet
160Kb / 1P
Universal input 85 - 265 VAC
logo
Arch Electronics Corp.
AES60D_SERIES ARCH-AES60D_SERIES Datasheet
235Kb / 2P
Universal Input: 85-265 VAC
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com