Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

775 Datasheet (PDF) - Mimix Broadband

Part # 775
Description  Units operate over the full 5.9-6.4 GHz frequency range
File Size   169.38 Kbytes
Html View  1 
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

775 Datasheet (PDF) - Mimix Broadband



Similar Part No. - 775

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
775 ETC2-775 Datasheet
362Kb / 1P
GROMMETS , BUSHINGS
logo
Adafruit Industries
775 ADAFRUIT-775 Datasheet
183Kb / 2P
Miniature Slip Ring - 12mm diameter, 6 wires, max 240V @ 2A
7/16/2015
logo
Keystone Electronics Co...
775 KEYSTONE-775 Datasheet
355Kb / 1P
GROMMETS & BUSHINGS
31-07 20th
logo
Finisar Corporation.
775-1237-ND FINISAR-775-1237-ND Datasheet
344Kb / 7P
100m Parallel MMF 100G QSFP28 Optical Transceiver
logo
Bahco
7750 BAHCO-7750 Datasheet
104Kb / 1P
Reversible ratchet, 7750
More results


Similar Description - 775

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AM42-0040 MACOM-AM42-0040 Datasheet
40Kb / 4P
GaAs MMIC VSAT Power Amplifier, 2W 5.9 - 6.4 GHz
logo
Mimix Broadband
MW109E MIMIX-MW109E Datasheet
169Kb / 1P
Units operate over the full 5.9-6.4 GHz frequency range
500A MIMIX-500A Datasheet
183Kb / 1P
Units operate over the full 10.7-11.7 GHz frequency range
MDR-2X06 MIMIX-MDR-2X06 Datasheet
179Kb / 1P
Units operate over the full 5.9-6.4 GHz frequency range
500A MIMIX-500A_1 Datasheet
171Kb / 1P
Units operate over the full 5.9-6.4 GHz frequency range
MDR-4X05 MIMIX-MDR-4X05 Datasheet
179Kb / 1P
Units operate over the full 4.4-5.0 GHz frequency range
RD4 MIMIX-RD4 Datasheet
179Kb / 1P
Units operate over the full 3.7-4.2 GHz frequency range
logo
Mitsubishi Electric Sem...
MGFC45V5964A MITSUBISHI-MGFC45V5964A_04 Datasheet
226Kb / 3P
5.9 - 6.4 GHz BAND 32W INTERNALLY MATCHED GaAs FET
logo
Transcom, Inc.
TM059-064-09-39 TRANSCOM-TM059-064-09-39 Datasheet
27Kb / 1P
5.9 - 6.4 GHz 39 dBm Power Module
logo
Excelics Semiconductor,...
EIM5964-4 EXCELICS-EIM5964-4 Datasheet
104Kb / 3P
5.9 - 6.4 GHz Multi-Stage Power Amplifier
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com