Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1937-3 Datasheet (PDF) - Alpha Wire

Part # 1937-3
Description  12 (65/30) AWG BC
File Size   408.75 Kbytes
Html View  1   2   3   4 
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

1937-3 Datasheet (PDF) - Alpha Wire



Similar Part No. - 1937-3

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
1937 ZETEX-1937 Datasheet
226Kb / 16P
ADJUSTABLE LED DRIVER WITH INTERNAL SWITCH IN TSOT23-5
logo
List of Unclassifed Man...
1937 ETC2-1937 Datasheet
297Kb / 1P
SPACERS , STANDOFFS
logo
Adafruit Industries
1937 ADAFRUIT-1937 Datasheet
77Kb / 2P
Spy Camera for Raspberry Pi
logo
Keystone Electronics Co...
1937 KEYSTONE-1937 Datasheet
282Kb / 1P
SPACERS & STANDOFFS
31-07 20th
logo
Alpha Wire
1937/4 ALPHAWIRE-1937/4 Datasheet
98Kb / 4P
Customer Specification
12/12/2022
More results


Similar Description - 1937-3

ManufacturerPart #DatasheetDescription
logo
General Cable Technolog...
C21062101 GENERAL-C21062101 Datasheet
73Kb / 3P
Hook-Up Wire, UL 1015, CSA TEW, Gauge Size (AWG): 12, Conductor/Strands: 65/30
C1804 GENERAL-C1804 Datasheet
60Kb / 1P
2C 16 AWG (65/34) OFHC BC PP, PVC COMMAND SERIES
logo
Belden Inc.
6000UE BELDEN-6000UE Datasheet
263Kb / 2P
Security & Sound, 2 Conductor 12 AWG BC, CL2P
4002ULW BELDEN-4002ULW Datasheet
155Kb / 2P
Security & Sound, 4 Conductor 12 AWG BC, LSZH, Cca
12-20-2022
4309ULW BELDEN-4309ULW Datasheet
151Kb / 2P
Security & Sound, 12 Conductor 18 AWG BC, LSZH, Cca
01-19-2023
5001UE BELDEN-5001UE Datasheet
168Kb / 2P
Security & Sound, 3 Conductor 12 AWG BC, Riser
12-20-2022
5002UP BELDEN-5002UP Datasheet
141Kb / 2P
Audio Cable, 4 Conductor 12 AWG, BC, CL3
04-13-2023
6001UE BELDEN-6001UE Datasheet
168Kb / 2P
Security & Sound, 3 Conductor 12 AWG BC, Plenum
12-20-2022
6548PA BELDEN-6548PA Datasheet
180Kb / 2P
Security & Sound, 12 Pair 22 AWG, BC, CMP
12-20-2022
8812 BELDEN-8812 Datasheet
155Kb / 2P
Speaker Cable, 2 Conductor 12 AWG BC, Unshielded, CM
04-14-2023
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com