Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT-230 Datasheet (PDF) - M/A-COM Technology Solutions, Inc.

Part # AT-230
Description  Digital Attenuator, 28 dB, 3-Bit DC - 2.0 GHz
File Size   75.21 Kbytes
Html View  1   2   3 
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

AT-230 Datasheet (PDF) - M/A-COM Technology Solutions, Inc.



Similar Part No. - AT-230

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AT-230 MACOM-AT-230 Datasheet
30Kb / 2P
Digital Attenuator, 28 dB, 3-Bit DC - 2 GHz
AT-230 MACOM-AT-230 Datasheet
95Kb / 3P
Digital Attenuator, 28dB, 3-Bit DC - 2.0 GHz
logo
Hirose Electric
AT-2300 HIROSE-AT-2300 Datasheet
221Kb / 3P
Stripline Mounting Fixed Attenuators
AT-2301 HIROSE-AT-2301 Datasheet
221Kb / 3P
Stripline Mounting Fixed Attenuators
AT-2302 HIROSE-AT-2302 Datasheet
221Kb / 3P
Stripline Mounting Fixed Attenuators
More results


Similar Description - AT-230

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AT-230 MACOM-AT-230 Datasheet
30Kb / 2P
Digital Attenuator, 28 dB, 3-Bit DC - 2 GHz
AT-260 MACOM-AT-260_1 Datasheet
193Kb / 3P
Digital Attenuator 31 dB, 5-Bit DC-2.0 GHz
MAATSS0015 MACOM-MAATSS0015 Datasheet
111Kb / 3P
Digital Attenuator, 15 dB, 4-Bit DC - 2.0 GHz
MAATSS0021 MACOM-MAATSS0021 Datasheet
176Kb / 3P
Digital Attenuator, 15.5 dB, 5-Bit DC - 2.0 GHz
logo
M/A-COM Technology Solu...
AT-210 MA-COM-AT-210 Datasheet
90Kb / 3P
Digital Attenuator, 15 dB, 4-Bit DC - 2.0 GHz
AT-220 MA-COM-AT-220 Datasheet
72Kb / 3P
Digital Attenuator, 30 dB, 4-Bit DC - 2.0 GHz
MAATSS0020 MA-COM-MAATSS0020 Datasheet
119Kb / 3P
Digital Attenuator, 31 dB, 5-Bit DC - 2.0 GHz
MAATSS0021 MA-COM-MAATSS0021 Datasheet
75Kb / 3P
Digital Attenuator, 15.5 dB, 5-Bit DC - 2.0 GHz
AT-260 MA-COM-AT-260 Datasheet
92Kb / 3P
Digital Attenuator, 31 dB, 5-Bit DC - 2.0 GHz
MAADSS0008 MA-COM-MAADSS0008 Datasheet
78Kb / 3P
Digital Attenuator, 1-Bit, 15 dB DC - 2.0 GHz
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com