Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC261 Datasheet (PDF) - Hittite Microwave Corporation

Part # HMC261
Description  GaAs MMIC MEDIUM POWER DISTRIBUTED AMPLIFIER, 20 - 40 GHz
File Size   192.53 Kbytes
Html View  1   2   3   4   5   6 
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC261 Datasheet (PDF) - Hittite Microwave Corporation



Similar Part No. - HMC261

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC261LM1 HITTITE-HMC261LM1 Datasheet
170Kb / 8P
SMT DISTRIBUTED GaAs MMIC AMPLIFIER 20 - 32 GHz
HMC261LM1 HITTITE-HMC261LM1 Datasheet
243Kb / 8P
SMT DISTRIBUTED GaAs MMIC AMPLIFIER, 20 - 32 GHz
HMC261LM1 HITTITE-HMC261LM1_01 Datasheet
243Kb / 8P
SMT DISTRIBUTED GaAs MMIC AMPLIFIER, 20 - 32 GHz
HMC261 HITTITE-HMC261_02 Datasheet
465Kb / 6P
GaAs MMIC MEDIUM POWER DISTRIBUTED AMPLIFIER, 20 - 40 GHz
More results


Similar Description - HMC261

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC283 HITTITE-HMC283 Datasheet
284Kb / 8P
GaAs MMIC MEDIUM POWER AMPLIFIER, 17 - 40 GHz
HMC283LM1 HITTITE-HMC283LM1 Datasheet
367Kb / 8P
SMT MEDIUM POWER GaAs MMIC AMPLIFIER, 17 - 40 GHz
HMC261LM1 HITTITE-HMC261LM1 Datasheet
170Kb / 8P
SMT DISTRIBUTED GaAs MMIC AMPLIFIER 20 - 32 GHz
HMC283 HITTITE-HMC283_08 Datasheet
314Kb / 8P
GaAs MMIC MEDIUM POWER AMPLIFIER, 17 - 40 GHz
logo
Mimix Broadband
XD1008-BD MIMIX-XD1008-BD Datasheet
341Kb / 10P
30 kHz - 40 GHz GaAs MMIC Distributed Amplifier
logo
Hittite Microwave Corpo...
HMC261LM1 HITTITE-HMC261LM1_01 Datasheet
243Kb / 8P
SMT DISTRIBUTED GaAs MMIC AMPLIFIER, 20 - 32 GHz
HMC281 HITTITE-HMC281_00 Datasheet
152Kb / 6P
GaAs MMIC MEDIUM POWER AMPLIFIER, 17 - 40 GHz
HMC283 HITTITE-HMC283_07 Datasheet
320Kb / 8P
GaAs MMIC MEDIUM POWER AMPLIFIER, 17 - 40 GHz
HMC261 HITTITE-HMC261_02 Datasheet
465Kb / 6P
GaAs MMIC MEDIUM POWER DISTRIBUTED AMPLIFIER, 20 - 40 GHz
HMC283 HITTITE-HMC283_10 Datasheet
336Kb / 8P
GaAs MMIC MEDIUM POWER AMPLIFIER, 17 - 40 GHz
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com