Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX14979E Datasheet (PDF) - Maxim Integrated Products

Part # MAX14979E
Description  High-Bandwidth,짹15kV ESD Protection LVDS Switch
File Size   1342.63 Kbytes
Html View  1   2   3   4   5   6   7   8   9    Next
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX14979E Datasheet (PDF) - Maxim Integrated Products



Similar Part No. - MAX14979E

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX14979E MAXIM-MAX14979E Datasheet
1Mb / 10P
High-Bandwidth, ±15kV ESD Protection LVDS Switch -3dB Bandwidth: 650MHz
Rev 1; 6/11
MAX14979EETX MAXIM-MAX14979EETX Datasheet
1Mb / 10P
High-Bandwidth, ±15kV ESD Protection LVDS Switch -3dB Bandwidth: 650MHz
Rev 1; 6/11
MAX14979E MAXIM-MAX14979E_11 Datasheet
1Mb / 10P
High-Bandwidth, ±15kV ESD Protection LVDS Switch -3dB Bandwidth: 650MHz
Rev 1; 6/11
More results


Similar Description - MAX14979E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HDMIULC6-4SC6 STMICROELECTRONICS-HDMIULC6-4SC6 Datasheet
300Kb / 11P
Ultra large bandwidth ESD protection
26-Jul-2006
ST1284-XXA8 STMICROELECTRONICS-ST1284-XXA8_03 Datasheet
141Kb / 6P
PARALLEL PORT SINGLE TERMINATION NETWORK WITH 짹15kV ESD PROTECTION
Oct-2003
logo
Maxim Integrated Produc...
MAX4927 MAXIM-MAX4927 Datasheet
189Kb / 13P
1000 Base-T, 짹15kV ESD Protection LAN Switch
Rev 0; 6/07
logo
STMicroelectronics
USBULC6-2M6 STMICROELECTRONICS-USBULC6-2M6 Datasheet
344Kb / 10P
Ultra large bandwidth ESD protection
29-Nov-2007
HDMIULC6-2X6 STMICROELECTRONICS-HDMIULC6-2X6 Datasheet
751Kb / 17P
Ultra large bandwidth ESD protection
06-May-2008
logo
Maxim Integrated Produc...
MAX4885AE MAXIM-MAX4885AE Datasheet
1Mb / 10P
High-Bandwidth, VGA 2:1 Switch with ±15kV ESD Protection
Rev 0; 10/09
MAX14979E MAXIM-MAX14979E_11 Datasheet
1Mb / 10P
High-Bandwidth, ±15kV ESD Protection LVDS Switch -3dB Bandwidth: 650MHz
Rev 1; 6/11
logo
Exar Corporation
XR33180 EXAR-XR33180 Datasheet
429Kb / 12P
Receivers with 짹15kV ESD Protection
logo
STMicroelectronics
HDMIULC6-4SC6Y STMICROELECTRONICS-HDMIULC6-4SC6Y Datasheet
209Kb / 12P
Automotive ultralarge bandwidth ESD protection
06-Sep-2012
USBULC6-2P6 STMICROELECTRONICS-USBULC6-2P6 Datasheet
217Kb / 8P
Ultra large bandwidth ESD protection
31-Mar-2014
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com