Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC1084LC4 Datasheet (PDF) - Hittite Microwave Corporation

Part # HMC1084LC4
Description  GaAs MMIC SP4T REFLECTIVE SWITCH 23 - 30 GHz
File Size   1108.97 Kbytes
Html View  1   2   3   4   5   6 
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC1084LC4 Datasheet (PDF) - Hittite Microwave Corporation



Similar Part No. - HMC1084LC4

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC1081 HITTITE-HMC1081 Datasheet
399Kb / 8P
GaAs MMIC MIXER 50 - 75 GHz
logo
Analog Devices
HMC1081 AD-HMC1081 Datasheet
460Kb / 8P
E-Band Communications Systems
HMC1082C-KIT AD-HMC1082C-KIT Datasheet
378Kb / 15P
5.5 GHz to 18 GHz, GaAs, pHEMT, MMIC, Medium Power Amplifier
8/2020-Rev. A to Rev. B
HMC1082CHIP AD-HMC1082CHIP Datasheet
378Kb / 15P
5.5 GHz to 18 GHz, GaAs, pHEMT, MMIC, Medium Power Amplifier
8/2020-Rev. A to Rev. B
logo
Hittite Microwave Corpo...
HMC1082LP4E HITTITE-HMC1082LP4E Datasheet
647Kb / 10P
GaAs pHEMT MMIC MEDIUM POWER AMPLIFIER, 5.5 - 18 GHz
More results


Similar Description - HMC1084LC4

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC344LH5 HITTITE-HMC344LH5 Datasheet
304Kb / 6P
GaAs MMIC SP4T NON-REFLECTIVE SWITCH, DC - 12 GHz
HMC344LC3 HITTITE-HMC344LC3 Datasheet
249Kb / 6P
GaAs MMIC SP4T NON-REFLECTIVE SWITCH, DC - 8.0 GHz
HMC244G16 HITTITE-HMC244G16_06 Datasheet
266Kb / 6P
GaAs MMIC SP4T NON-REFLECTIVE SWITCH, DC - 4.0 GHz
HMC344 HITTITE-HMC344_06 Datasheet
211Kb / 6P
GaAs MMIC SP4T NON-REFLECTIVE SWITCH, DC - 8.0 GHz
HMC-C071 HITTITE-HMC-C071 Datasheet
231Kb / 6P
GaAs MMIC SP4T NON-REFLECTIVE SWITCH, DC - 20 GHz
HMC641LC4 HITTITE-HMC641LC4_09 Datasheet
174Kb / 6P
GaAs MMIC SP4T NON-REFLECTIVE SWITCH, DC - 20 GHz
HMC182S14 HITTITE-HMC182S14_08 Datasheet
204Kb / 6P
GaAs MMIC SP4T NON-REFLECTIVE SWITCH, DC - 2 GHz
HMC641 HITTITE-HMC641 Datasheet
169Kb / 6P
GaAs MMIC SP4T NON-REFLECTIVE SWITCH, DC - 18 GHz
HMC944LC4 HITTITE-HMC944LC4 Datasheet
694Kb / 4P
GaAs MMIC SP4T REFLECTIVE SWITCH, 23 - 30 GHz
logo
Analog Devices
HMC641ALC4 AD-HMC641ALC4 Datasheet
466Kb / 6P
GaAs MMIC SP4T NON-REFLECTIVE SWITCH, DC - 20 GHz
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com