Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADXL311JE Datasheet (PDF) - Analog Devices

Part # ADXL311JE
Description  Low Cost, Ultracompact 짹2 g Dual-Axis Accelerometer
File Size   419.06 Kbytes
Html View  1   2   3   4   5   6   7   8   9    Next
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADXL311JE Datasheet (PDF) - Analog Devices



Similar Part No. - ADXL311JE

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADXL311 AD-ADXL311_15 Datasheet
662Kb / 12P
Ultracompact 2g Dual-Axis Accelerometer
REV. B
More results


Similar Description - ADXL311JE

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADXL213 AD-ADXL213 Datasheet
359Kb / 12P
Low Cost 1.2 g Dual Axis Accelerometer
logo
List of Unclassifed Man...
MXR7311GL ETC1-MXR7311GL Datasheet
404Kb / 7P
Low Cost, Low Noise 짹2 g Dual Axis Accelerometer with Ratiometric Analog Outputs
MXR7202G ETC1-MXR7202G Datasheet
220Kb / 8P
Low Cost, Low Noise 짹2 g Dual Axis Accelerometer with Ratiometric Analog Outputs
MXD7202GL ETC1-MXD7202GL Datasheet
549Kb / 10P
Low Cost, Low Noise 짹2 g Dual Axis Accelerometer with Digital Outputs
logo
Analog Devices
ADXL327 AD-ADXL327 Datasheet
330Kb / 16P
Small, Low Power, 3-Axis 짹2 g Accelerometer
REV. 0
ADXL212 AD-ADXL212 Datasheet
262Kb / 12P
Precision 짹2 g Dual Axis, PWM Output Accelerometer
REV. 0
logo
STMicroelectronics
LIS332AX STMICROELECTRONICS-LIS332AX Datasheet
219Kb / 14P
MEMS inertial sensor: 3-axis ±2 g absolute analog-output ultracompact accelerometer
02-Feb-2010
LIS332AR STMICROELECTRONICS-LIS332AR Datasheet
216Kb / 14P
MEMS motion sensor: 3-axis 짹2 g analog-output ultracompact accelerometer
02-Feb-2010
logo
Analog Devices
ADXL311 AD-ADXL311_15 Datasheet
662Kb / 12P
Ultracompact 2g Dual-Axis Accelerometer
REV. B
ADXL213 AD-ADXL213_15 Datasheet
196Kb / 12P
Low Cost 1.2 g Dual Axis Accelerometer
REV. A
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com