Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC2415 Datasheet(PDF) 6 Page - STMicroelectronics

Part # STLC2415
Description  BLUETOOTH BASEBAND WITH INTEGRATED FLASH
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC2415 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STLC2415 Datasheet HTML 2Page - STMicroelectronics STLC2415 Datasheet HTML 3Page - STMicroelectronics STLC2415 Datasheet HTML 4Page - STMicroelectronics STLC2415 Datasheet HTML 5Page - STMicroelectronics STLC2415 Datasheet HTML 6Page - STMicroelectronics STLC2415 Datasheet HTML 7Page - STMicroelectronics STLC2415 Datasheet HTML 8Page - STMicroelectronics STLC2415 Datasheet HTML 9Page - STMicroelectronics STLC2415 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
STLC2415
6/22
Table 9. Pin List
Name
Pin #
Description
DIR
PU/PD
VDD
PAD
Clock and test pins
xin
B18
System clock
I
V1
CMOS, 3.3V TTL
compatible
schmitt trigger
nreset
A18
Reset
I
nrp
A17
External flash reset
I
V2
nwp
H3
Flash Write Protect
I
V2
CMOS 1.8V
sys_clk_req C18
System clock request
I/O
V1
CMOS, 3.3V TTL
compatible, 2mA
tristate
slew rate control
lpo_clk_p
V9
Low power oscillator + / Slow clock input
I
(1)
V2
lpo_clk_n
V10
Low power oscillator -
O
int1
C14
External Interrupt used also as external wakeup
I
(1)
V1
CMOS, 3.3V TTL
compatible
schmitt trigger
int2
C15
Second external interrupt
I
(1)
boot
T10
Select external boot from EMI or internal from ROM
I
(1)
V2
CMOS 1.8V
SPI interface
spi_frm
A2
Synchronous Serial Interface frame sync
I/O
V1
CMOS, 3.3V TTL
compatible, 2mA
tristate
slew rate control
schmitt trigger
spi_clk
A1
Synchronous Serial Interface clock
I/O
spi_txd
B1
Synchronous Serial Interface transmit data
O/t
V1
CMOS, 3.3V TTL
compatible, 2mA
slew rate control
spi_rxd
C1
Synchronous Serial Interface receive data
I
(1)
V1
CMOS, 3.3V TTL
compatible
schmitt trigger
UART interface
uart1_txd
A15
Uart1 transmit data
O/t
V1
CMOS, 3.3V TTL
compatible, 2mA
slew rate control
uart1_rxd
A16
Uart1 receive data
I
(2)
V1
CMOS, 3.3V TTL
compatible
schmitt trigger
uart2_o1
C7
Uart2 modem output
O
V1
CMOS, 3.3V TTL
compatible, 2mA
slew rate control
uart2_o2
A6
Uart2 modem output
O/t
V1
CMOS, 3.3V TTL
compatible, 2mA
slew rate control
uart2_i1
A7
Uart2 modem input
I
(2)
V1
CMOS, 3.3V TTL
compatible
uart2_i2
C8
Uart2 modem input
I
(2)
V1
uart2_io1
C6
Uart2 modem input/output
I/O
(2)
V1
CMOS, 3.3V TTL
compatible, 2mA
tristate slew rate
control
uart2_io2
C5
Uart2 modem input/output
I/O
(2)
V1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com