Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC2415 Datasheet(PDF) 12 Page - STMicroelectronics

Part # STLC2415
Description  BLUETOOTH BASEBAND WITH INTEGRATED FLASH
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC2415 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STLC2415 Datasheet HTML 8Page - STMicroelectronics STLC2415 Datasheet HTML 9Page - STMicroelectronics STLC2415 Datasheet HTML 10Page - STMicroelectronics STLC2415 Datasheet HTML 11Page - STMicroelectronics STLC2415 Datasheet HTML 12Page - STMicroelectronics STLC2415 Datasheet HTML 13Page - STMicroelectronics STLC2415 Datasheet HTML 14Page - STMicroelectronics STLC2415 Datasheet HTML 15Page - STMicroelectronics STLC2415 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
STLC2415
12/22
Figure 4. Block Addresses
5.3.1 Flash Signal Descriptions
– Write Protect (nwp)
Write protect is an input that gives an additional hardware protection for each block. When Write Protect
is
≤ 0.4V the Lock-Down is enabled and the protection status of the flash blocks cannot be changed.
When Write Protect is
≥ (vddq - 0.4V), the Lock-Down is disabled and the flash memory blocks can be
locked or unlocked.
– Reset (nrp)
The Reset input provides a hardware reset of the memory. When reset is
≤ 0.4V, the memory is in reset
mode: the outputs are high impedant and the current consumption is minimized. After Reset all blocks
are in Locked state. When Reset is
≥ (vddq - 0.4V), the device is in normal operation. Exiting reset mode
the device enters read array mode, but a negative transition of Chip Enable or a change of the address
is required to ensure valid data outputs.
– Vdd Supply Voltage (vddf)
Vdd provides the power supply to the internal core of the flash memory device. It is the main power sup-
ply for all operations (Read, Program and Erase)
– Vddq Supply Voltage (vddq)
Vddq provides the power supply to the I/O pins and enables all Outputs to be powered independently
from Vddf. Vddq can be tied to Vddf or can use separate supply.
4 KWords
3FFFF
3F000
32 KWords
0FFFF
08000
32 KWords
07FFF
00000
M28R400CT
Top Boot Block Addresses
4 KWords
38FFF
38000
32 KWords
30000
37FFF
Total of 8
4 KWord Blocks
Total of 7
32 KWord Blocks



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com