Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC2415 Datasheet(PDF) 7 Page - STMicroelectronics

Part # STLC2415
Description  BLUETOOTH BASEBAND WITH INTEGRATED FLASH
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC2415 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STLC2415 Datasheet HTML 3Page - STMicroelectronics STLC2415 Datasheet HTML 4Page - STMicroelectronics STLC2415 Datasheet HTML 5Page - STMicroelectronics STLC2415 Datasheet HTML 6Page - STMicroelectronics STLC2415 Datasheet HTML 7Page - STMicroelectronics STLC2415 Datasheet HTML 8Page - STMicroelectronics STLC2415 Datasheet HTML 9Page - STMicroelectronics STLC2415 Datasheet HTML 10Page - STMicroelectronics STLC2415 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
7/22
STLC2415
uart2_txd
A8
Uart2 transmit data
O/t
V1
CMOS, 3.3V TTL
compatible, 2mA
slew rate control
uart2_rxd
A9
Uart2 receive data
I
(2)
V1
CMOS, 3.3V TTL
compatible
I2C interface
i2c_dat
A14
I2C data pin
I/O
(3)
V1
CMOS, 3.3V TTL
compatible, 2mA
tristate
slew rate control
i2c_clk
A13
I2C clock pin
I/O
(3)
V1
USB interface
usb_dn
A10
USB - pin
I/O
(1)
V1
usb_dp
C9
USB + pin
I/O
(1)
V1
GPIO interface
gpio0
V11
Gpio port 0
I/O
PU
V1
CMOS, 3.3V TTL
compatible, 4mA
tristate
slew rate control
gpio1
T11
Gpio port 1
I/O
PU
gpio2
V12
Gpio port 2
I/O
PU
gpio3
T12
Gpio port 3
I/O
PU
V1
CMOS, 3.3V TTL
compatible, 4mA
tristate
slew rate control
schmitt trigger
gpio4
V13
Gpio port 4
I/O
PU
V1
CMOS, 3.3V TTL
compatible, 4mA
tristate
slew rate control
gpio5
V14
Gpio port 5
I/O
PU
gpio6
V16
Gpio port 6
I/O
PU
gpio7
V17
Gpio port 7
I/O
PU
gpio8
V18
Gpio port 8
I/O
PU
V1
CMOS, 3.3V TTL
compatible, 2mA
tristate
slew rate control
gpio9
U18
Gpio port 9
I/O
PU
gpio10
R18
Gpio port 10
I/O
PU
gpio11
T18
Gpio port 11
I/O
PU
gpio12
P18
Gpio port 12
I/O
PU
gpio13
T16
Gpio port 13
I/O
PU
gpio14
P16
Gpio port 14
I/O
PU
gpio15
R16
Gpio port 15
I/O
PU
JTAG interface
ntrst
F18
JTAG pin
I
PD
V1
CMOS, 3.3V TTL
compatible
tck
D18
JTAG pin
I
(1)
V1
CMOS, 3.3V TTL
compatible
schmitt trigger
tms
E16
JTAG pin
I
PU
V1
CMOS, 3.3V TTL
compatible
tdi
F16
JTAG pin
I
PU
Table 9. Pin List (continued)
Name
Pin #
Description
DIR
PU/PD
VDD
PAD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com