Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC2415 Datasheet(PDF) 19 Page - STMicroelectronics

Part # STLC2415
Description  BLUETOOTH BASEBAND WITH INTEGRATED FLASH
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC2415 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button STLC2415 Datasheet HTML 14Page - STMicroelectronics STLC2415 Datasheet HTML 15Page - STMicroelectronics STLC2415 Datasheet HTML 16Page - STMicroelectronics STLC2415 Datasheet HTML 17Page - STMicroelectronics STLC2415 Datasheet HTML 18Page - STMicroelectronics STLC2415 Datasheet HTML 19Page - STMicroelectronics STLC2415 Datasheet HTML 20Page - STMicroelectronics STLC2415 Datasheet HTML 21Page - STMicroelectronics STLC2415 Datasheet HTML 22Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 19 / 22 page
background image
19/22
STLC2415
9
HCI USB TRANSPORT LAYER
The USB Transport Layer has been specified by the Bluetooth® SIG (Part H:2), and allows HCI level com-
munication between a host controller (STLC2415) and a host (e.g. PC), via a USB interface. The USB
Transport Layer is completely implemented in SW. It accepts HCI messages from the HCI Layer, prepares
it for transmission over a USB bus, and sends it to the USB Driver. It reassembles the HCI messages from
USB data received from the USB Driver, and sends these messages to the HCI Layer. The Transport Lay-
er does not interprete the contents (payload) of the HCI messages; it only examines the header.
10 POWER CLASS1 SUPPORT
The chip can control an external power amplifier (PA). Several signals are duplicated on GPIOs for this
purpose in order to avoid digital/analog noise loops in the radio.
The Class1_En register enables the alternate functions of GPIO[15:6] to generate the signals for driving
an external PA in a Bluetooth® power class1 application.
Every bit enables a dedicated signal on a GPIO pin, as described in table 12.
Table 12. Power Class 1 Functionality
rx_on is the same as the rx_on output pin. Not rx_on is the inverted signal, in order to save components
on the application board.
PA7 to PA0 are the power amplifier control lines. They are managed, on a connection basis, by the base-
band core. The Power Level programmed for a certain Bluetooth® connection is manged by the firmware,
as specified in the Bluetooth® SIG spec.
Class1_En bit
involved GPIO
description (when class1_En bit = ‘1’)
rxon
gpio[6]
outputs a copy of rx_on pin to switch LNA/RF switch on/off
not rxon
gpio[7]
outputs an inverted copy of rx_on pin to switch LNA/RF switch on/off
PA0
gpio[8]
Bit 0 of the PA value for the current connection
PA1
gpio[9]
Bit 1 of the PA value for the current connection
PA2
gpio[10]
Bit 2 of the PA value for the current connection
PA3
gpio[11]
Bit 3 of the PA value for the current connection
PA4
gpio[12]
Bit 4 of the PA value for the current connection
PA5
gpio[13]
Bit 5 of the PA value for the current connection
PA6
gpio[14]
Bit 6 of the PA value for the current connection
PA7
gpio[15]
Bit 7 of the PA value for the current connection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com