Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC2415 Datasheet(PDF) 15 Page - STMicroelectronics

Part # STLC2415
Description  BLUETOOTH BASEBAND WITH INTEGRATED FLASH
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC2415 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button STLC2415 Datasheet HTML 11Page - STMicroelectronics STLC2415 Datasheet HTML 12Page - STMicroelectronics STLC2415 Datasheet HTML 13Page - STMicroelectronics STLC2415 Datasheet HTML 14Page - STMicroelectronics STLC2415 Datasheet HTML 15Page - STMicroelectronics STLC2415 Datasheet HTML 16Page - STMicroelectronics STLC2415 Datasheet HTML 17Page - STMicroelectronics STLC2415 Datasheet HTML 18Page - STMicroelectronics STLC2415 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 22 page
background image
15/22
STLC2415
7
INTERFACES
7.1 UART Interface
The chip contains two enhanced (128 byte transmit FIFO and 128 byte receive FIFO, sleep mode, 127 Rx
and 128 Tx interrupt tresholds) UARTs, named UART1 and UART2, compatible with the standard M16550
UART.
For UART1, only Rx and Tx signals are available (used for debug purposes).
UART2 features:
– standard HCI UART transport layer:
– all HCI commands as described in the Bluetooth® specification 1.1
– ST specific HCI command (check STLC2415 Software Interface document for more information)
– RXD, TXD, CTS, RTS on permanent external pins
– 128-byte FIFOs, for transmit and for receive
– Default configuration: 57.600 kbps
– Specific HCI command to change to the following baud rates:
Table 10. List of Supported Baud Rates
7.2 Synchronous Serial Interface
The Synchronous Serial Interface (SSI) (or the Synchronous Peripheral Interface (SPI)) is a flexible mod-
ule supporting full-duplex and half-duplex synchronous communications with external devices in Master
and Slave mode. It allows the STLC2415 to communicate with peripheral devices.
The Synchronous Serial Interface is also capable of inter processor communications in a multiple-master
system. This interface is flexible enough to interface directly with numerous standard product peripherals.
This Synchronous Serial Interface peripheral features:
– full duplex, four-wire synchronous transfers.
– Microwire half duplex transfer using 8-bit control message
– programmable clock polarity and phase.
– transmit data pin tri state able when not transmitting
– Master or Slave operation
– Programmable clock bit rate up to XIN/4
– Programmable data frame from 4 bits to 16 bits.
– Independent transmit and receive 16 words FIFO.
– Internal loopback
7.3 I2C Interface
Used to access I2C peripherals.
The interface is a fast master I2C; it has full control of the interface at all times. I2C slave functionality is
not supported.
Baud rate
–
57.6 kbps (default)
4800
921.6k
38.4 k
2400
460.8 k
28.8 k
1800
230.4 k
19.2 k
1200
153.6 k
14.4 k
900
115.2 k
9600
600
76.8 k
7200
300



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com