Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLP921 Datasheet(PDF) 5 Page - Toshiba Semiconductor

Part # TLP921
Description  Toshiba Photoreflective sensor Infrared LED Phototransistor Inkjet printers ink-level monitoring
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP921 Datasheet(HTML) 5 Page - Toshiba Semiconductor

  TLP921 Datasheet HTML 1Page - Toshiba Semiconductor TLP921 Datasheet HTML 2Page - Toshiba Semiconductor TLP921 Datasheet HTML 3Page - Toshiba Semiconductor TLP921 Datasheet HTML 4Page - Toshiba Semiconductor TLP921 Datasheet HTML 5Page - Toshiba Semiconductor TLP921 Datasheet HTML 6Page - Toshiba Semiconductor TLP921 Datasheet HTML 7Page - Toshiba Semiconductor TLP921 Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
TLP921
2002-04-03
5
VCE = 5 V
IF = 20 mA
IF = 10 mA
IF = 5 mA
0.2
-40
-20
0
20
40
60
80
100
0.4
0.6
0.8
1
1.2
1
50
30
10
5
3
100
0.8
1.4
0.9
1.0
1.1
1.2
1.3
50
0
-25
25
Ta
= 75°C
1
0.1
0.3
1
3
10
30
100
300
1000
10
100
1000
5000
Ta
= 25°C
VCE = 2 V
VCE = 5 V
0
0
100
60
40
20
80
80
60
40
20
0
0
100
60
40
20
80
80
60
40
20
Relative IC – Ta
(typ.)
IC – VCE
(typ.)
IF – VF
(typ.)
IC – IF
(typ.)
IF – Ta
PC – Ta
Ambient temperature Ta (°C)
Ambient temperature Ta (°C)
Forward voltage VF (V)
Forward current IF (mA)
Ambient temperature Ta (°C)
Collector-Emitter voltage VCE (V)
Ta
= 25°C
20
15
10
IF = 5mA
0
0
2
4
6
8
10
12
200
400
600
800
1000
1200



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com