Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLP921 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TLP921
Description  Toshiba Photoreflective sensor Infrared LED Phototransistor Inkjet printers ink-level monitoring
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP921 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TLP921 Datasheet HTML 1Page - Toshiba Semiconductor TLP921 Datasheet HTML 2Page - Toshiba Semiconductor TLP921 Datasheet HTML 3Page - Toshiba Semiconductor TLP921 Datasheet HTML 4Page - Toshiba Semiconductor TLP921 Datasheet HTML 5Page - Toshiba Semiconductor TLP921 Datasheet HTML 6Page - Toshiba Semiconductor TLP921 Datasheet HTML 7Page - Toshiba Semiconductor TLP921 Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
TLP921
2002-04-03
1
Toshiba Photoreflective sensor Infrared LED + Phototransistor
TLP921
Inkjet printer’s ink-level monitoring
TLP921 is a reflective photosensor combining a GaAs infrared LED with
a Si phototransistor.
· Flush-mount package on PCB: Applied PCB thickness = 1.6 mm or
thinner
· Positioning pin and single-sided screw-mount type
· Short lead type: Lead length = 2.8 ± 0.3 mm
· Phototransistor impermeable to visible light
· Package material: polybutylene-terephthalate (UL94V-0, black)
Maximum Ratings (Ta
==== 25°C)
Note 1: Soldering is performed 1.5 mm from the bottom of the package.
Marking
JEDEC
JEITA
TOSHIBA
Weight: 0.35 g (typ.)
Characteristics
Symbol
Rating
Unit
Forward current
IF
50
mA
Forward current derating
(Ta
> 25°C)
DIF/°C
-0.33
mA/°C
Reverse voltage
VR
5
V
Collector-Emitter voltage
VCEO
35
V
Emitter-Collector voltage
VECO
5
V
Collector power dissipation
PC
75
mW
Collector power dissipation
derating
(Ta
> 25°C)
DPC/°C
-1
mW/°C
Collector current
IC
50
mA
Operating temperature
Topr
-30~85
°C
Storage temperature
Tstg
-40~100
°C
Soldering temperature
(5 s) (Note 1)
Tsol
260
°C
Monthly lot
number
Month of
manufacture
Year of
manufacture
January to December
are denoted by letters
A to L respectively
Last decimal digit of
the year of
manufacture


Similar Part No. - TLP921

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP907 TOSHIBA-TLP907 Datasheet
402Kb / 10P
TOSHIBA PHOTOREFLECTIVE SENSORS INFRARED LED PHOTODARLINGTON TRANSISTOR
TLP907LB TOSHIBA-TLP907LB Datasheet
402Kb / 10P
TOSHIBA PHOTOREFLECTIVE SENSORS INFRARED LED PHOTODARLINGTON TRANSISTOR
TLP908 TOSHIBA-TLP908 Datasheet
379Kb / 8P
PHOTOREFLECTIVE SENSORS INFRARED LED PHOTO TRANSISTOR
TLP908LB TOSHIBA-TLP908LB Datasheet
379Kb / 8P
PHOTOREFLECTIVE SENSORS INFRARED LED PHOTO TRANSISTOR
TLP909 TOSHIBA-TLP909 Datasheet
302Kb / 7P
PHOTOREFLECTIVE SENSOR INFRARED LED PHOTODARLINGTON TRANSISTOR
More results

Similar Description - TLP921

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP801A TOSHIBA-TLP801A Datasheet
248Kb / 9P
INFRARED LED PHOTOTRANSISTOR
TLP907 TOSHIBA-TLP907 Datasheet
402Kb / 10P
TOSHIBA PHOTOREFLECTIVE SENSORS INFRARED LED PHOTODARLINGTON TRANSISTOR
TLP909 TOSHIBA-TLP909 Datasheet
302Kb / 7P
PHOTOREFLECTIVE SENSOR INFRARED LED PHOTODARLINGTON TRANSISTOR
TLP818 TOSHIBA-TLP818 Datasheet
393Kb / 9P
TOSHIBA PHOTO INTERRUPTER INFRARED LED PHOTOTRANSISTOR
TLP908 TOSHIBA-TLP908 Datasheet
379Kb / 8P
PHOTOREFLECTIVE SENSORS INFRARED LED PHOTO TRANSISTOR
TLP830 TOSHIBA-TLP830 Datasheet
346Kb / 7P
INFRARED LED PHOTOTRANSISTOR
TLP813 TOSHIBA-TLP813 Datasheet
352Kb / 6P
TOSHIBA PHOTOINTERRUPTER INFRARED LED PHOTOTRANSISTOR
TLP836 TOSHIBA-TLP836 Datasheet
319Kb / 6P
TOSHIBA PHOTOINTERRUPTER INFRARED LED PHOTOTRANSISTOR
logo
Rohm
BD64550EFV ROHM-BD64550EFV_1 Datasheet
403Kb / 17P
System Driver for Ink Jet Printers
logo
Toshiba Semiconductor
TLP841 TOSHIBA-TLP841 Datasheet
188Kb / 8P
Infrared LED Phototransistor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com