Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLP921 Datasheet(PDF) 6 Page - Toshiba Semiconductor

Part # TLP921
Description  Toshiba Photoreflective sensor Infrared LED Phototransistor Inkjet printers ink-level monitoring
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP921 Datasheet(HTML) 6 Page - Toshiba Semiconductor

  TLP921 Datasheet HTML 1Page - Toshiba Semiconductor TLP921 Datasheet HTML 2Page - Toshiba Semiconductor TLP921 Datasheet HTML 3Page - Toshiba Semiconductor TLP921 Datasheet HTML 4Page - Toshiba Semiconductor TLP921 Datasheet HTML 5Page - Toshiba Semiconductor TLP921 Datasheet HTML 6Page - Toshiba Semiconductor TLP921 Datasheet HTML 7Page - Toshiba Semiconductor TLP921 Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
TLP921
2002-04-03
6
Ta
= 25°C
VCE = 5 V
VOUT >= 4.6 V
1
1
10
100
10
100
1000
3000
0.5
tr
tf
td
ts
IF
= 20mA
IC = 0.3 mA
IC = 0.5 mA
0
-40
100
-20
80
60
40
0
20
0.2
0.16
0.12
0.08
0.04
Switching characteristics
(saturated operation)
(typ.)
Switching characteristics
(non saturated operation) (typ.)
ID (ICEO) – Ta
(typ.)
VCE (sat) – Ta
(typ.)
Ambient temperature Ta (°C)
Ambient temperature Ta (°C)
Load resistance RL (kW)
Load resistance RL (kW)
VCE = 24 V
10
5
10-
4
0
20
40
60
80
100
120
10-
3
10-
2
10-
1
1
5
1000
tr
tf
td
3000
1
10
100
0.5
1
10
ts
Ta
= 25°C
VCE = 2 V
VOUT = 0.5 V
100
1



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com