Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLP921 Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TLP921
Description  Toshiba Photoreflective sensor Infrared LED Phototransistor Inkjet printers ink-level monitoring
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP921 Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TLP921 Datasheet HTML 1Page - Toshiba Semiconductor TLP921 Datasheet HTML 2Page - Toshiba Semiconductor TLP921 Datasheet HTML 3Page - Toshiba Semiconductor TLP921 Datasheet HTML 4Page - Toshiba Semiconductor TLP921 Datasheet HTML 5Page - Toshiba Semiconductor TLP921 Datasheet HTML 6Page - Toshiba Semiconductor TLP921 Datasheet HTML 7Page - Toshiba Semiconductor TLP921 Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
TLP921
2002-04-03
2
Electrical and Optical Characteristics (Ta
==== 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Forward voltage
VF
IF = 20 mA
¾
1.25
1.4
V
Reverse current
IR
VR = 5 V
¾
¾
10
mA
Peak emission wavelength
lP
IF = 20 mA
¾
940
¾
nm
Dark current
ID (ICEO)
VCE = 24 V, IF = 0
¾
¾
0.1
mA
Peak sensitivity wavelength
lP
¾
¾
870
¾
nm
Collector current
IC
VCE = 5 V, IF = 20 mA
(Note 2)
580
¾
2600
mA
Leakage current
ILEAK
VCE = 5 V, IF = 20 mA
(Note 3)
¾
¾
120
mA
Collector-Emitter saturation
voltage
VCE (sat)
IF = 20 mA, IC = 0.3 mA
¾
0.1
0.4
V
Rise time
tr
VCE = 2 V, IC = 0.5 mA
¾
38
90
Fall time
tf
RL = 1 kW, d = 8 mm
(Note 4)
¾
48
110
ms
Note 2: The following drawings show condition and the layout of reflectors.
Note 3: Measurement layout drawing for leakage current
Note 4: Measurement circuit and waveforms for Switching time
Evaporated surface
of aluminum
Evaporated
aluminum glass
8 mm
Sensor
1 mm
VOUT
IF
tr
90%
10%
tf
Prism
VCC
VOUT
RL
IF
8 mm
7 mm
7 mm
Right angle prism (material: BK7)
Thickness:7 mm
Sensor



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com