Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLP921 Datasheet(PDF) 7 Page - Toshiba Semiconductor

Part # TLP921
Description  Toshiba Photoreflective sensor Infrared LED Phototransistor Inkjet printers ink-level monitoring
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP921 Datasheet(HTML) 7 Page - Toshiba Semiconductor

  TLP921 Datasheet HTML 1Page - Toshiba Semiconductor TLP921 Datasheet HTML 2Page - Toshiba Semiconductor TLP921 Datasheet HTML 3Page - Toshiba Semiconductor TLP921 Datasheet HTML 4Page - Toshiba Semiconductor TLP921 Datasheet HTML 5Page - Toshiba Semiconductor TLP921 Datasheet HTML 6Page - Toshiba Semiconductor TLP921 Datasheet HTML 7Page - Toshiba Semiconductor TLP921 Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
TLP921
2002-04-03
7
Ta
= 25°C
0
0
200
400
800
1000
1200
600
20
40
60
80
100
Ta
= 25°C
0
0
200
400
800
1000
1200
600
20
40
60
80
100
IF = 20 mA
Ta
= 25°C
0
820
1020
860
900
940
980
0.2
0.4
0.6
0.8
1.0
Detecting distance characteristic
< Relative IC – Z direction > (typ.)
Detecting position characteristic I
< Relative IC – X direction > (typ.)
Detecting position characteristic II
< Relative IC – Y direction > (typ.)
Spectral response characteristic
(typ.)
Wavelength characteristic
(typ.)
Wavelength
l (nm)
Wavelength
l (nm)
Prism moving distance I (mm)
Prism moving distance I (mm)
Distance between device and prism d (mm)
0
-5
-4
-3
-2
-1
0
2
3
4
5
1
0.2
0.4
0.6
0.8
1
1.2
Ta
= 25°C
IF = 20 mA
VCE = 5 V
Prism
-l
+l
0.01
0
2
4
6
8
10
12
14
16
18
20
0.03
0.1
0.3
1
Ta
= 25°C
IF = 20 mA
VCE = 5 V
Prism
d
0
-5
-4
-3
-2
-1
0
2
3
4
5
1
0.2
0.4
0.6
0.8
1
1.2
Ta
= 25°C
IF = 20 mA
VCE = 5 V
Prism
-l
+l



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com