Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4103 Datasheet(PDF) 21 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS4103
Description  IEEE P1394a Physical Layer Device
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS4103 Datasheet(HTML) 21 Page - National Semiconductor (TI)

Back Button CS4103 Datasheet HTML 16Page - National Semiconductor (TI) CS4103 Datasheet HTML 17Page - National Semiconductor (TI) CS4103 Datasheet HTML 18Page - National Semiconductor (TI) CS4103 Datasheet HTML 19Page - National Semiconductor (TI) CS4103 Datasheet HTML 20Page - National Semiconductor (TI) CS4103 Datasheet HTML 21Page - National Semiconductor (TI) CS4103 Datasheet HTML 22Page - National Semiconductor (TI) CS4103 Datasheet HTML 23Page - National Semiconductor (TI) CS4103 Datasheet HTML 24Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
Revision 1.0
21
www.national.com
Electrical Characteristics (Continued)
4.4
AC SPECIFICATIONS
Figure 4-1. SCLK to Data Valid Timing Waveform
Figure 4-2. Setup and Hold Timing Waveform
Figure 4-3. Rise and Fall Timing Waveforms
Table 4-4. IEEE-1394A PHY-Link Interface Timings
Symbol
Parameter
Min
Typ
Max
Unit
Conditions
SCLK Frequency
49.152MHz +/-100ppm
MHz
SCLK Duty Cycle
45
55
%
tPD1
Delay Time, SCLK High to Initial Instance of
DATA[0:7] and CTRL[0:1] Valid
0.5
13.5
ns
tPD2
Delay Time, SCLK High to Subsequent
Instances of DATA[0:7] and CTRL[0:1] Valid
0.5
13.5
ns
tPD3
Delay Time, SCLK High to DATA[0:7] and
CTRL[0:1] Invalid
0.5
13.5
ns
tPSU
Setup Time, DATA[0:7], CTRL[0:1], and
LREQ before SCLK High
6ns
tPH
Hold Time, DATA[0:7], CTRL[0:1], and
LREQ after SCLK High
0ns
tR
Rise Time, DATA[0:7], CTRL[0:1], and SCLK
0.7
2.4
ns
tF
Fall Time, DATA[0:7], CTRL[0:1], and SCLK
0.7
2.4
ns
SCLK
DATA[0:7],
tPD1
CTRL[0:1]
tPD2
tPD3
50%
tCLK
SCLK
tPSU
tPH
50%
DATA[0:7],
CTRL[0:1]
90%
DATA[0:7],
CTRL[0:1],
10%
90%
10%
tR
tF
SCLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com