Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4103 Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS4103
Description  IEEE P1394a Physical Layer Device
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS4103 Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button CS4103 Datasheet HTML 9Page - National Semiconductor (TI) CS4103 Datasheet HTML 10Page - National Semiconductor (TI) CS4103 Datasheet HTML 11Page - National Semiconductor (TI) CS4103 Datasheet HTML 12Page - National Semiconductor (TI) CS4103 Datasheet HTML 13Page - National Semiconductor (TI) CS4103 Datasheet HTML 14Page - National Semiconductor (TI) CS4103 Datasheet HTML 15Page - National Semiconductor (TI) CS4103 Datasheet HTML 16Page - National Semiconductor (TI) CS4103 Datasheet HTML 17Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
Revision 1.0
13
www.national.com
Register Descriptions (Continued)
3.1
REGISTER ACCESS
The register set of the CS4103 is accessed via the CS4210
OHCI
device’s
PHYControl
Register
(BAR0+Offset
ECh[11:0]). The PHYControl register, shown in Table 3-2,
is used to read or write a CS4103 register.
To read a register, the address of the register is written to
theregAddr fieldalong with a1inthe rdRegbit.Whenthe
read request has been sent to the CS4103 (through the
LREQ pin), the rdReg bit is cleared to 0. When the CS4103
returns the register, the rdDone bit transitions to 1 and the
IntEvent.phyRegRcvd interrupt (BAR0+Offset 80h[26]) is
set. The address of the register received is placed in the
rdAddr field and the contents in the rdData field. Software
must not issue a read of CS4103 base register at Address
00h (see Table 3-5 on page 14). The most recently avail-
able contents of this register is reflected in the NodeID reg-
ister (Table 3-3) of the CS4210.
To write to a CS4103 register, the address of the register is
writtentothe regAddrfield, the valuetowrite to thewrData
field, anda1tothe wrRegbit.The wrRegbit is cleared
when the write request has been transferred to the
CS4103. Software must serialize all CS4103 register reads
and writes. Only after the current CS4103 register read or
write completes may software issue a different CS4103
register read or write.
For CS4210 register access information, refer to the
CS4210 data sheet.
Table 3-2. CS4210 BAR0+Offset ECh: PHYControl Register
Bit
Name
Access
Reset
Description
31
rdDone
RU
Undef
Read Done: rdDone is cleared to 0 by the CS4210 when either rdReg or wrReg is
set to 1. This bit is set to 1 when a register transfer is received from the CS4103.
30:28
RSVD
--
0
Reserved
27:24
rdAddr
RU
Undef
Read Address: This is the address of the register most recently received from the
CS4103.
23:16
rdData
RU
Undef
Read Data: Contains the data read from the CS4103 register at rdAddr.
15
rdReg
RWU
0
Read Register: Set rdReg to initiate a read request to a CS4103 register. This bit
is cleared when the read request has been sent. The wrReg bit must not be set
while the rdReg bit is set.
14
wrReg
RWU
0
Write Register: Set wrReg to initiate a write request to a CS4103 register. This bit
is cleared when the write request has been sent. The rdReg bit must not be set
while the wrReg bit is set.
13:12
RSVD
--
0
Reserved
11:8
regAddr
RW
Undef
Register Address: regAddr is the address of the CS4103 register to be written or
read.
7:0
wrData
RWU
Undef
Write Data: This is the contents to be written to a CS4103 register. Ignored for a
read.
Table 3-3. CS4210 BAR0+Offset E8h: Node ID and Status Register
Bit
Name
Access
Reset
Description
31
iDValid
RU
0
ID Valid: This bit indicates whether or not the CS4210 has a valid node number. It
is cleared when the bus reset state is detected and set again when the CS4210
receives a new node number from the CS4103.
If iDValid is clear, software should not set ContextControl.run for either of the
ATDMA contexts (request and response).
30
root
RU
0
Root: This bit is set during the bus reset process if the CS4103 is root.
29:28
RSVD
--
0
Reserved
27
CPS
RU
0
Cable Power Status: Set if the CS4103 is reporting that cable power status is OK
(VP 8V).
26:16
RSVD
--
0
Reserved
15:6
busNumber
RWU
3FFh
Bus Number: This number is used to identify the specific 1394 bus this node
belongs to when multiple 1394-compatible buses are connected via a bridge. This
field is set to 3FFh on a bus reset.
5:0
nodeNumber
RU
Undef
Node Number: This number is the physical node number established by the
CS4103 during self-identification. It is automatically set to the value received from
the CS4103 after the self-identification phase. If the CS4103 sets the nodeNumber
to 63, software should not set ContextControl.run for either of the ATDMA contexts
(request and response).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com