Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4103 Datasheet(PDF) 17 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS4103
Description  IEEE P1394a Physical Layer Device
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS4103 Datasheet(HTML) 17 Page - National Semiconductor (TI)

Back Button CS4103 Datasheet HTML 13Page - National Semiconductor (TI) CS4103 Datasheet HTML 14Page - National Semiconductor (TI) CS4103 Datasheet HTML 15Page - National Semiconductor (TI) CS4103 Datasheet HTML 16Page - National Semiconductor (TI) CS4103 Datasheet HTML 17Page - National Semiconductor (TI) CS4103 Datasheet HTML 18Page - National Semiconductor (TI) CS4103 Datasheet HTML 19Page - National Semiconductor (TI) CS4103 Datasheet HTML 20Page - National Semiconductor (TI) CS4103 Datasheet HTML 21Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
Revision 1.0
17
www.national.com
Register Descriptions (Continued)
3.4
VENDOR IDENTIFICATION: PAGE 1
All registers of the Vendor Identification page are accessi-
ble by setting the Page_select field to 001b in the Base reg-
ister at Address 07h. The Vendor Identification page has no
per-port registers. The value of Port_select is ignored when
addressing this page.
Table 3-8. Vendor ID: Page 1 Bit Map
Address
0
1
2
3
4
5
6
7
08h
Compliance_level
09h
RSVD
0Ah
Vendor_ID[23:16] (MSB)
0Bh
Vendor_ID[15:8]
0Ch
Vendor_ID[7:0] (LSB)
0Dh
Product_ID[23:16] (MSB)
0Eh
Product_ID[15:8]
0Fh
Product_ID[7:0] (LSB)
Table 3-9. Vendor ID: Page 1 Registers
Bit
Name
Access
Reset
Description
Address 08h
Page 1, Register-0
0:7
Compliance_ level
R
01h
Standard Compliance Indicator: A value of 01h indicates that the CS4103
complies to the IEEE P1394a standard.
01h = IEEE P1394a compliant
All other values are not specified.
Address 09h
Page 1, Register-1
0:7
RSVD
--
--
Reserved
Address 0Ah
Page 1, Register-2
0:7
Vendor_ID[23:16]
R
08h
Vendor ID: The MSB of a 24-bit value identifying National Semiconductor as
the vendor. Works in conjunction with Addresses 0Bh and 0Ch.
Address 0Bh
Page 1, Register-3
0:7
Vendor_ID[15:8]
R
00h
Vendor ID: A 24-bit value identifying National Semiconductor as the vendor.
Works in conjunction with Addresses 0Ah and 0Ch
Address 0Ch
Page 1, Register-4
0:7
Vendor_ID[7:0]
R
17h
Vendor ID: The LSB of a 24-bit value identifying National Semiconductor as
the vendor. Works in conjunction with Addresses 0Ah and 0Bh.
Address 0Dh
Page 1, Register-5
0:7
Product_ID
R
00h
Product ID: The MSB of a 24-bit value identifying the device as the CS4103.
Works in conjunction with Addresses 0Eh and 0Fh.
Address 0Eh
Page 1, Register-6
0:7
Product_ID
R
00h
Product ID: A 24-bit value identifying the device as the CS4103. Works in
conjunction with Addresses 0Dh and 0Fh.
Address 0Fh
Page 1, Register-7
0:7
Product_ID
R
02h
Product ID: The LSB of a 24-bit value identifying the device as the CS4103.
Works in conjunction with Addresses 0Dh and 0Fh.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com