Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4103 Datasheet(PDF) 12 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS4103
Description  IEEE P1394a Physical Layer Device
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS4103 Datasheet(HTML) 12 Page - National Semiconductor (TI)

Back Button CS4103 Datasheet HTML 8Page - National Semiconductor (TI) CS4103 Datasheet HTML 9Page - National Semiconductor (TI) CS4103 Datasheet HTML 10Page - National Semiconductor (TI) CS4103 Datasheet HTML 11Page - National Semiconductor (TI) CS4103 Datasheet HTML 12Page - National Semiconductor (TI) CS4103 Datasheet HTML 13Page - National Semiconductor (TI) CS4103 Datasheet HTML 14Page - National Semiconductor (TI) CS4103 Datasheet HTML 15Page - National Semiconductor (TI) CS4103 Datasheet HTML 16Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
www.national.com
12
Revision 1.0
3.0
Register Descriptions
The CS4103 register set consists of Base registers and
selectable Port/Page registers as illustrated in Figure 3-1.
Addresses 00h through 07h access Base registers while
addresses 08h through 0Fh access Port/Page registers.
Port and Page information is selected using the Port_select
and Page_select fields in the Base register at Address 07h.
Of seven possible page addresses, three register pages
are defined: the Port Status page (Page 0), Vendor Identifi-
cation page (Page 1), and Vendor Specific page (Page 7).
Port selection within a page is required for the Port Status
Page. The Vendor Identification page has no per-port infor-
mation and port selection has no effect on addressing this
page. The Vendor Specific page may contain per-port reg-
isters but this implementation does not require port selec-
tion to access user defined registers.
Table 3-1 is a register map of the CS4103 showing the
Base and Port/Page selection registers. The remaining
sub-sections of this chapter provide details on register
access and bit format information.
Figure 3-1. Base and Page/Port Registers
08h
09h
0Ah
0Bh
0Ch
0Dh
0Eh
0Fh
Vendor Specific Page
Port 2 Page 7
08h
09h
0Ah
0Bh
0Ch
0Dh
0Eh
0Fh
Vendor Specific Page
Port 1 Page 7
08h
09h
0Ah
0Bh
0Ch
0Dh
0Eh
0Fh
Vendor Specific Page
Port 0 Page 7
08h
09h
0Ah
0Bh
0Ch
0Dh
0Eh
0Fh
Port Status Page
Port 2 Page 0
08h
09h
0Ah
0Bh
0Ch
0Dh
0Eh
0Fh
Port Status Page
Port 1 Page 0
08h
09h
0Ah
0Bh
0Ch
0Dh
0Eh
0Fh
Port Status Page
Port 0 Page 0
00h
01h
02h
03h
04h
05h
06h
07h
Port_select
Page_select
08h
09h
0Ah
0Bh
0Ch
0Dh
0Eh
0Fh
Vendor Identification Page
Page 1
Base Registers
Table 3-1. Register Map
Address
01234
567
00h
Physical_ID
R
PS
01h
RHB
IBR
Gap_count
02h
Extended
RSVD
Total_ports
03h
Max_speed
RSVD
Delay
04h
Link_active
Contender
Jitter
Pwr_class
05h
Resume_int
ISBR
Loop
Pwr_fail
Timeout
Port_event
Enab_accel
Enab_multi
06h
RSVD
07h
Page_select
RSVD
Port_select
08h
Page[n], Port[n], Register-0
09h
Page[n], Port[n], Register-1
0Ah
Page[n], Port[n], Register-2
0Bh
Page[n], Port[n], Register-3
0Ch
Page[n], Port[n], Register-4
0Dh
Page[n], Port[n], Register-5
0Eh
Page[n], Port[n], Register-6
0Fh
Page[n], Port[n], Register-7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com