Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4103 Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS4103
Description  IEEE P1394a Physical Layer Device
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS4103 Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button CS4103 Datasheet HTML 7Page - National Semiconductor (TI) CS4103 Datasheet HTML 8Page - National Semiconductor (TI) CS4103 Datasheet HTML 9Page - National Semiconductor (TI) CS4103 Datasheet HTML 10Page - National Semiconductor (TI) CS4103 Datasheet HTML 11Page - National Semiconductor (TI) CS4103 Datasheet HTML 12Page - National Semiconductor (TI) CS4103 Datasheet HTML 13Page - National Semiconductor (TI) CS4103 Datasheet HTML 14Page - National Semiconductor (TI) CS4103 Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
Revision 1.0
11
www.national.com
Signal Definitions (Continued)
2.2.5
Power Supplies, Ground, Reserved, and No Connections
Signal Name
Pin
Type
Description
VDDIO
6, 34
PWR
Digital Supply Connections
A split power plane with analog and digital power is recommended for the
CS4103. A single delineation divides the analog and digital pins of the
device. The power planes should be placed on either side of this delineation
beneath corresponding analog and digital pins of the CS4103.
VSSIO
16, 28
GND
Digital Ground Connections
A split ground plane with analog and digital grounds is recommended for the
CS4103. A single delineation divides the analog and digital pins of the
device. The ground planes should be placed on either side of this delineation
beneath corresponding analog and digital pins of the CS4103.
VSS
21, 80
GND
Digital Ground Connections
Connect this pin to the digital ground plane.
VDD
29, 79
PWR
Digital Supply Connections
Connect this pin to the digital power plane.
VDDA
35, 54,
62, 63
PWR
Analog Supply Connections
Connect this pin to the analog power plane.
GNDA
39, 40,
41, 64
GND
Analog Ground Connections
Connect this pin to the analog ground plane.
R0
66
--
Current Source Reference Resistor Connections
Sets the bias current for the CS4103 receivers. A resistor (5.76 K
Ω +/–1%) is
connected to R0 and R1. Place this resistor as close as possible to the
CS4103.
R1
67
--
VDDVCO
69
PWR
VCO Analog Supply Connection
Connect this pin to the analog power plane.
GNDVCO
70
GND
VCO Analog Ground Connection
Connect this pin to the analog ground plane.
VDDPLL
73
PWR
PLL Analog Supply Connection
Connect this pin to the analog power plane.
GNDPLL
74
GND
PLL Analog Ground Connection
Connect this pin to the analog ground plane.
RSVD0
32, 33
I
Reserved
Tie these pins low.
RSVD1
31, 68
I
Reserved
Tie these pins high.
NC
3, 9, 18,
20, 30,
36, 37,
38, 47,
48, 60,
65, 71,
72, 75
---
No Connections (Total of 15)
These pins are not internally connected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com