Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT36A2 Datasheet(PDF) 9 Page - Holtek Semiconductor Inc

Part # HT36A2
Description  8-Bit Music Synthesizer MCU
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT36A2 Datasheet(HTML) 9 Page - Holtek Semiconductor Inc

Back Button HT36A2 Datasheet HTML 5Page - Holtek Semiconductor Inc HT36A2 Datasheet HTML 6Page - Holtek Semiconductor Inc HT36A2 Datasheet HTML 7Page - Holtek Semiconductor Inc HT36A2 Datasheet HTML 8Page - Holtek Semiconductor Inc HT36A2 Datasheet HTML 9Page - Holtek Semiconductor Inc HT36A2 Datasheet HTML 10Page - Holtek Semiconductor Inc HT36A2 Datasheet HTML 11Page - Holtek Semiconductor Inc HT36A2 Datasheet HTML 12Page - Holtek Semiconductor Inc HT36A2 Datasheet HTML 13Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
HT36A2
Rev. 1.00
9
June 19, 2003
All data memory areas can handle arithmetic, logic, in-
crement, decrement and rotate operations directly. Ex-
cept for some dedicated bits, each bit in the data
memory can be set and reset by the SET [m].i and CLR
[m].i instructions, respectively. They are also indirectly
accessible through Memory pointer registers
(MP0:01H, MP1:03H).
Indirect Addressing Register
Location 00H and 02H are indirect addressing registers
that are not physically implemented. Any read/write op-
eration of [00H] and [02H] access data memory pointed
to by MP0 (01H) and MP1 (03H) respectively. Reading
location 00H or 02H directly will return the result 00H.
And writing directly results in no operation.
The function of data movement between two indirect ad-
dressing registers, is not supported. The memory
pointer registers, MP0 and MP1, are 8-bit register which
can be used to access the data memory by combining
corresponding indirect addressing registers.
Accumulator
The accumulator closely relates to ALU operations. It is
mapped to location 05H of the data memory and it can
operate with immediate data. The data movement be-
tween two data memory locations must pass through
the accumulator.
Arithmetic and Logic Unit
- ALU
This circuit performs 8-bit arithmetic and logic operation.
The ALU provides the following functions:
· Arithmetic operations (ADD, ADC, SUB, SBC, DAA)
· Logic operations (AND, OR, XOR, CPL)
· Rotation (RL, RR, RLC, RRC)
· Increment & Decrement (INC, DEC)
· Branch decision (SZ, SNZ, SIZ, SDZ ....)
The ALU not only saves the results of a data operation but
can also change the status register.
Status Register
- STATUS
This 8-bit register (0AH) contains the zero flag (Z), carry
flag (C), auxiliary carry flag (AC), overflow flag (OV),
power down flag (PD) and Watchdog time-out flag (TO).
It also records the status information and controls the oper-
ation sequence.
With the exception of the TO and PD flags, bits in the
status register can be altered by instructions like any
other register. Any data written into the status register
will not change the TO or PD flags. In addition it should
be noted that operations related to the status register
may give different results from those intended. The TO
and PD flags can only be changed by system power up,
Watchdog Timer overflow, executing the HALT instruc-
tion and clearing the Watchdog Timer.
The Z, OV, AC and C flags generally reflect the status of
the latest operations.
In addition, on entering the interrupt sequence or exe-
cuting a subroutine call, the status register will not be
automatically pushed onto the stack. If the contents of
status are important and the subroutine can corrupt the
status register, the programmer must take precautions
to save it properly.
Interrupt
The HT36A2 provides two internal timer counter inter-
rupts on each bank. The Interrupt Control register
(INTC;0BH) contains the interrupt control bits that sets
the enable/disable and the interrupt request flags.
Once an interrupt subroutine is serviced, all other inter-
rupts will be blocked (by clearing the EMI bit). This
scheme may prevent any further interrupt nesting. Other
interrupt requests may occur during this interval but only
the interrupt request flag is recorded. If a certain inter-
rupt needs servicing within the service routine, the pro-
grammer may set the EMI bit and the corresponding bit
of the INTC to allow interrupt nesting. If the stack is full,
Labels
Bits
Function
C0
C is set if an operation results in a carry during an addition operation or if a borrow does not take
place during a subtraction operation; otherwise C is cleared. Also it is affected by a rotate
through carry instruction.
AC
1
AC is set if an operation results in a carry out of the low nibbles in addition or no borrow from the
high nibble into the low nibble in subtraction; otherwise AC is cleared.
Z
2
Z is set if the result of an arithmetic or logical operation is zero; otherwise Z is cleared.
OV
3
OV is set if an operation results in a carry into the highest-order bit but not a carry out of the high-
est-order bit, or vice versa; otherwise OV is cleared.
PD
4
PD is cleared by either a system power-up or executing the CLR WDT instruction. PD is set by
executing the HALT instruction.
TO
5
TO is cleared by a system power-up or executing the CLR WDT or HALT instruction. TO is set by
a WDT time-out.
¾
6~7
Unused bit, read as
²0²
Status register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com