Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT36A2 Datasheet(PDF) 13 Page - Holtek Semiconductor Inc

Part # HT36A2
Description  8-Bit Music Synthesizer MCU
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT36A2 Datasheet(HTML) 13 Page - Holtek Semiconductor Inc

Back Button HT36A2 Datasheet HTML 9Page - Holtek Semiconductor Inc HT36A2 Datasheet HTML 10Page - Holtek Semiconductor Inc HT36A2 Datasheet HTML 11Page - Holtek Semiconductor Inc HT36A2 Datasheet HTML 12Page - Holtek Semiconductor Inc HT36A2 Datasheet HTML 13Page - Holtek Semiconductor Inc HT36A2 Datasheet HTML 14Page - Holtek Semiconductor Inc HT36A2 Datasheet HTML 15Page - Holtek Semiconductor Inc HT36A2 Datasheet HTML 16Page - Holtek Semiconductor Inc HT36A2 Datasheet HTML 17Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
HT36A2
Rev. 1.00
13
June 19, 2003
To guarantee that the system oscillator has started and
stabilized, the SST (System Start-up Timer) provides an
extra-delay of 1024 system clock pulses during system
power up or when the system awakes from a HALT
state.
When a system power-up occurs, the SST delay is
added during the reset period. But when the reset co-
mes from the RES pin, the SST delay is disabled. Any
wake-up from HALT will enable the SST delay.
The functional units chip reset status are shown below.
Program counter
000H
Interrupt
Disable
Prescaler
Clear
WDT
Clear. After master reset,
WDT begins counting
Timer Counter (0/1)
Off
Input/output ports
Input mode
SP
Points to the top of stack
The registers status is summarized in the following table:
Register
Reset
(Power On)
WDT Time-out
(Normal Operation)
RES Reset
(Normal Operation)
RES Reset
(HALT)
WDT Time-out
(HALT)*
Program Counter
0000H
0000H
0000H
0000H
0000H
MP0
xxxx xxxx
uuuu uuuu
uuuu uuuu
uuuu uuuu
uuuu uuuu
MP1
xxxx xxxx
uuuu uuuu
uuuu uuuu
uuuu uuuu
uuuu uuuu
ACC
xxxx xxxx
uuuu uuuu
uuuu uuuu
uuuu uuuu
uuuu uuuu
TBLP
xxxx xxxx
uuuu uuuu
uuuu uuuu
uuuu uuuu
uuuu uuuu
TBLH
xxxx xxxx
uuuu uuuu
uuuu uuuu
uuuu uuuu
uuuu uuuu
WDTS
0000 0111
0000 0111
0000 0111
0000 0111
uuuu uuuu
STATUS
--00 xxxx
--1u uuuu
--uu uuuu
--01 uuuu
--11 uuuu
INTC
-000 0000
-000 0000
-000 0000
-000 0000
-uuu uuuu
TMR0L
xxxx xxxx
uuuu uuuu
uuuu uuuu
uuuu uuuu
uuuu uuuu
TMR0C
00-0 1000
00-0 1000
00-0 1000
00-0 1000
uu-u 1uuu
TMR1L
xxxx xxxx
uuuu uuuu
uuuu uuuu
uuuu uuuu
uuuu uuuu
TMR1C
00-0 1000
00-0 1000
00-0 1000
00-0 1000
uu-u 1uuu
PA
1111 1111
1111 1111
1111 1111
1111 1111
uuuu uuuu
PAC
1111 1111
1111 1111
1111 1111
1111 1111
uuuu uuuu
PB
1111 1111
1111 1111
1111 1111
1111 1111
uuuu uuuu
PBC
1111 1111
1111 1111
1111 1111
1111 1111
uuuu uuuu
PC
---- 1111
---- 1111
---- 1111
---- 1111
---- uuuu
PCC
---- 1111
---- 1111
---- 1111
---- 1111
---- uuuu
PF
---- -000
---- -000
---- -000
---- -000
---- -uuu
CHAN
00-- -000
uu-- -uuu
uu-- -uuu
uu-- -uuu
uu-- -uuu
FreqNH
xxxx xxxx
uuuu uuuu
uuuu uuuu
uuuu uuuu
uuuu uuuu
FreqNL
xxxx xxxx
uuuu uuuu
uuuu uuuu
uuuu uuuu
uuuu uuuu
AddrH
---- xxxx
---- uuuu
---- uuuu
---- uuuu
---- uuuu
AddrL
xxxx xxxx
uuuu uuuu
uuuu uuuu
uuuu uuuu
uuuu uuuu
ReH
---- --xx
---- --uu
---- --uu
---- --uu
---- --uu
ReL
xxxx xxxx
uuuu uuuu
uuuu uuuu
uuuu uuuu
uuuu uuuu
VolH
---- xxxx
---- uuuu
---- uuuu
---- uuuu
---- uuuu
VolL
xxxx xxxx
uuuu uuuu
uuuu uuuu
uuuu uuuu
uuuu uuuu
DAC
---- --00
---- --00
---- --00
---- --00
---- --uu
Note:
²*² stands for warm reset
²u² stands for unchanged
²x² stands for unknown
²-² stands for unused



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com