Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT36A2 Datasheet(PDF) 11 Page - Holtek Semiconductor Inc

Part # HT36A2
Description  8-Bit Music Synthesizer MCU
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT36A2 Datasheet(HTML) 11 Page - Holtek Semiconductor Inc

Back Button HT36A2 Datasheet HTML 7Page - Holtek Semiconductor Inc HT36A2 Datasheet HTML 8Page - Holtek Semiconductor Inc HT36A2 Datasheet HTML 9Page - Holtek Semiconductor Inc HT36A2 Datasheet HTML 10Page - Holtek Semiconductor Inc HT36A2 Datasheet HTML 11Page - Holtek Semiconductor Inc HT36A2 Datasheet HTML 12Page - Holtek Semiconductor Inc HT36A2 Datasheet HTML 13Page - Holtek Semiconductor Inc HT36A2 Datasheet HTML 14Page - Holtek Semiconductor Inc HT36A2 Datasheet HTML 15Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
HT36A2
Rev. 1.00
11
June 19, 2003
with pull-high resistor, which can be used to synchronize
external logic. The RC oscillator provides the most cost
effective solution. However, the frequency of the oscilla-
tion may vary with VDD, temperature, and the chip itself
due to process variations. It is therefore, not suitable for
timing sensitive operations where accurate oscillator
frequency is desired.
On the other hand, if the crystal oscillator is selected, a
crystal across OSC1 and OSC2 is needed to provide the
feedback and phase shift required for the oscillator, and
no other external components are required. A resonator
may be connected between OSC1 and OSC2 to replace
the crystal and to get a frequency reference, but two ex-
ternal capacitors in OSC1 and OSC2 are required.
The WDT oscillator is a free running on-chip RC oscilla-
tor, and no external components are required. Even if
the system enters the power down mode, the system
clock is stopped, but the WDT oscillator still works with a
period of approximately 78
ms. The WDT oscillator can
be disabled by mask option to conserve power.
Watchdog Timer
- WDT
The WDT clock source is implemented by a dedicated
RC oscillator (WDT oscillator) or instruction clock (sys-
tem clock of the MCU divided by 4), determined by mask
options. This timer is designed to prevent a software
malfunction or sequence jumping to an unknown loca-
tion with unpredictable results. The Watchdog Timer can
be disabled by mask option. If the Watchdog Timer is
disabled, all the executions related to the WDT result in
no operation.
Once the internal WDT oscillator (RC oscillator with a
period of 78
ms normally) is selected, it is first divided by
256 (8-stages) to get the nominal time-out period of ap-
proximately 20ms. This time-out period may vary with
temperature, VDD and process variations. By invoking
the WDT prescaler, longer time-out periods can be real-
ized. Writing data to WS2, WS1, WS0 (bit 2,1,0 of the
WDTS) can give different time-out periods. If WS2,
WS1, WS0 all equal to 1, the division ratio is up to 1:128,
and the maximum time-out period is 2.6 seconds.
If the WDT oscillator is disabled, the WDT clock may still
come from the instruction clock and operate in the same
manner except that in the HALT state the WDT may stop
counting and lose its protecting purpose. In this situation
the logic can only be restarted by external logic. The
high nibble and bit 3 of the WDTS are reserved for user
defined flags, and the programmer may use these flags
to indicate some specified status.
WS2
WS1
WS0
Division Ratio
000
1:1
001
1:2
010
1:4
011
1:8
1
0
0
1:16
1
0
1
1:32
1
1
0
1:64
1
1
1
1:128
If the device operates in a noisy environment, using the
on-chip RC oscillator (WDT OSC) is strongly recom-
mended, since the HALT will stop the system clock.
The WDT overflow under normal operation will initialize
a
²chip reset² and set the status bit TO. Whereas in the
HALT mode, the overflow will initialize a
²warm reset²
only the PC and SP are reset to zero. To clear the WDT
contents (including the WDT prescaler ), 3 methods are
implemented; external reset (a low level to RES), soft-
ware instructions, or a HALT instruction. The software
instructions include CLR WDT and the other set
- CLR
WDT1 and CLR WDT2. Of these two types of instruc-
tions, only one can be active depending on the mask op-
tion
-²CLR WDT times selection option².Ifthe ²CLR
WDT
² is selected (i.e. CLRWDT times equal one), any
execution of the CLR WDT instruction will clear the
WDT. In case
²CLR WDT1² and ²CLR WDT2² are cho-
sen (i.e. CLRWDT times equal two), these two instruc-
tions must be executed to clear the WDT; otherwise, the
WDT may reset the chip because of time-out.
C r y s t a l O s c i l l a t o r
R C O s c i l l a t o r
O S C 1
O S C 2
O S C 2
f S Y S / 8
O S C 1
V D D
System oscillator
S y s t e m C l o c k / 8
8 - b i t C o u n t e r
W D T P r e s c a l e r
7 - b i t C o u n t e r
8 - t o - 1 M U X
W D T T i m e - o u t
W S 0 ~ W S 2
M a s k
O p t i o n
S e l e c t
W D T
O S C
Watchdog timer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com