Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT36A2 Datasheet(PDF) 4 Page - Holtek Semiconductor Inc

Part # HT36A2
Description  8-Bit Music Synthesizer MCU
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT36A2 Datasheet(HTML) 4 Page - Holtek Semiconductor Inc

  HT36A2 Datasheet HTML 1Page - Holtek Semiconductor Inc HT36A2 Datasheet HTML 2Page - Holtek Semiconductor Inc HT36A2 Datasheet HTML 3Page - Holtek Semiconductor Inc HT36A2 Datasheet HTML 4Page - Holtek Semiconductor Inc HT36A2 Datasheet HTML 5Page - Holtek Semiconductor Inc HT36A2 Datasheet HTML 6Page - Holtek Semiconductor Inc HT36A2 Datasheet HTML 7Page - Holtek Semiconductor Inc HT36A2 Datasheet HTML 8Page - Holtek Semiconductor Inc HT36A2 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
D.C. Characteristics
Ta=25
°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
VDD
Operating Voltage
¾¾
2.4
3
5
V
IDD
Operating Current
5V
No load, fOSC=8MHz
¾
816
mA
ISTB
Standby Current (WDT Disabled)
5V
No load
System HALT
¾
1
¾mA
IOL
I/O Ports Sink Current
5V
VOL=0.5V
9.7
16.2
¾
mA
IOH
I/O Ports Source Current
5V
VOH=4.5V
-5.2
-8.7
¾
mA
RPH
Pull-High Resistance of I/O Ports
5V
VIL=0V
11
22
44
k
W
VIH1
Input High Voltage for I/O Ports
5V
¾
3.5
¾
5V
VIL1
Input Low Voltage for I/O Ports
5V
¾
0
¾
1.5
V
VIH2
Input High Voltage (RES)5V
¾¾
4
¾
V
VIL2
Input Low Voltage (RES)5V
¾¾
2.5
¾
V
A.C. Characteristics
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
MCU interface
fOSC
System Frequency
5V
8MHz crystal
¾
8
¾
MHz
fSYS
System Clock
5V
¾
4
¾
8
MHz
tWDT
Watchdog Time-Out Period (RC)
¾
Without WDT prescaler
9
17
35
ms
tRES
External Reset Low Pulse Width
¾¾
1
¾¾
ms
Characteristics Curves
R vs F Characteristics Curve
HT36A2
Rev. 1.00
4
June 19, 2003
1 2 0
1 5 0
1 8 0
2 0 0
2 2 0
2 4 0
2 7 0
3 0 0
H T 3 6 A 2 R v s . F C h a r t
1 4
1 2
1 0
8
6
4
2
R ( k W )
3 . 0 V
4 . 5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com