Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT36A2 Datasheet(PDF) 3 Page - Holtek Semiconductor Inc

Part # HT36A2
Description  8-Bit Music Synthesizer MCU
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT36A2 Datasheet(HTML) 3 Page - Holtek Semiconductor Inc

  HT36A2 Datasheet HTML 1Page - Holtek Semiconductor Inc HT36A2 Datasheet HTML 2Page - Holtek Semiconductor Inc HT36A2 Datasheet HTML 3Page - Holtek Semiconductor Inc HT36A2 Datasheet HTML 4Page - Holtek Semiconductor Inc HT36A2 Datasheet HTML 5Page - Holtek Semiconductor Inc HT36A2 Datasheet HTML 6Page - Holtek Semiconductor Inc HT36A2 Datasheet HTML 7Page - Holtek Semiconductor Inc HT36A2 Datasheet HTML 8Page - Holtek Semiconductor Inc HT36A2 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
Pad Coordinates
Unit:
mm
Pad No.
X
Y
Pad No.
X
Y
1
-939.550
1222.175
16
899.200
-965.126
2
-939.550
1111.575
17
899.200
-287.274
3
-939.550
1011.575
18
938.800
-100.675
4
-939.550
900.975
19
938.800
9.925
5
-939.550
800.975
20
938.800
109.925
6
-939.550
690.375
21
938.800
220.525
7
-939.550
590.375
22
-26.300
1336.775
8
-939.550
479.775
23
-136.900
1336.775
9
301.450
-1303.400
24
-236.900
1336.775
10
413.250
-1303.400
25
-347.500
1336.775
11
526.890
-1303.400
26
-447.500
1336.775
12
636.250
-1303.400
27
-558.100
1336.775
13
761.700
-1296.750
28
-658.100
1336.775
14
924.250
-1296.750
29
-768.700
1336.775
15
899.200
-1078.450
Pad Description
Pad Name
I/O
Internal
Connection
Function
PB0~PB7
I/O
Pull-High
or None
Bidirectional 8-bit Input/Output port
AUD
O
¾
Audio output for driving a external transistor or for driving HT82V733
TEST
¾¾
No connection (open)
VDDA
¾¾
DAC power supply
VDD
¾¾
Positive power supply
VSSA
¾¾
Negative power supply of DAC, ground
VSS
¾¾
Negative power supply, ground
RES
I
¾
Reset input, active low
OSC1
OSC2
I
O
¾
OSC1 and OSC2 are connected to an RC network or a crystal (by mask option)
for the internal system clock. In the case of RC operation, OSC2 is the output
terminal for 1/8 system clock. The system clock may come from the crystal, the
two pins cannot be floating.
PC0~PC3
I/O
Pull-High
or None
Bidirectional 4-bit Input/Output port
PA0~PA7
I/O
Pull-High
or None
Bidirectional 8-bit Input/Output port, wake-up by mask option
Absolute Maximum Ratings
Supply Voltage .............................VSS
-0.3V to VSS+6V
Storage Temperature ...........................
-50°Cto125°C
Input Voltage .............................VSS
-0.3V to VDD+0.3V
Operating Temperature ..........................
-25°Cto70°C
Note: These are stress ratings only. Stresses exceeding the range specified under
²Absolute Maximum Ratings² may
cause substantial damage to the device. Functional operation of this device at other conditions beyond those
listed in the specification is not implied and prolonged exposure to extreme conditions may affect device reliabil-
ity.
HT36A2
Rev. 1.00
3
June 19, 2003



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com