Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATFI1502AS Datasheet(PDF) 13 Page - ATMEL Corporation

Part # ATFI1502AS
Description  High-performance EEPROM CPLD
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATFI1502AS Datasheet(HTML) 13 Page - ATMEL Corporation

Back Button ATFI1502AS Datasheet HTML 9Page - ATMEL Corporation ATFI1502AS Datasheet HTML 10Page - ATMEL Corporation ATFI1502AS Datasheet HTML 11Page - ATMEL Corporation ATFI1502AS Datasheet HTML 12Page - ATMEL Corporation ATFI1502AS Datasheet HTML 13Page - ATMEL Corporation ATFI1502AS Datasheet HTML 14Page - ATMEL Corporation ATFI1502AS Datasheet HTML 15Page - ATMEL Corporation ATFI1502AS Datasheet HTML 16Page - ATMEL Corporation ATFI1502AS Datasheet HTML 17Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
13
ATF1502AS(L)
0995J–PLD–09/02
Notes:
1. Not more than one output at a time should be shorted. Duration of short circuit test should not exceed 30 sec.
2. ICC3 refers to the current in the reduced-power mode when macrocell reduced-power is turned on.
DC and AC Operating Conditions
Commercial
Industrial
Operating Temperature (Ambient)
0
°C- 70°C-40°C- 85°C
VCC (5V) Power Supply
5V ±5%
5V ± 10%
DC Characteristics
Symbol
Parameter
Condition
Min
Typ
Max
Units
IIL
Input or I/O Low
Leakage Current
VIN =VCC
-2
-10
µA
I
IH
Input or I/O High
Leakage Current
210
I
OZ
Tri-state Output
Off-state Current
V
O =VCC or GND
-40
40
µA
ICC1
Power Supply Current, Standby
VCC =Max
VIN =0, VCC
Std Mode
Com.
60
mA
Ind.
75
mA
“L” Mode
Com.
10
µA
Ind.
10
µA
I
CC2
Power Supply Current,
Power-down Mode
V
CC =Max
VIN =0, VCC
“PD” Mode
1
5
mA
ICC3
(2)
Reduced-power Mode
Supply Current, Standby
VCC =Max
VIN =0, VCC
Std Mode
Com.
35
mA
Ind.
40
mA
V
IL
Input Low Voltage
-0.3
0.8
V
V
IH
Input High Voltage
2.0
V
CCIO +0.3
V
V
OL
Output Low Voltage (TTL)
V
IN =VIH or VIL
VCC =MIN, IOL =12 mA
Com.
3.0
0.45
V
Ind.
0.45
Output Low Voltage (CMOS)
VIN =VIH or VIL
VCC =MIN, IOL =0.1 mA
Com.
0.2
V
Ind.
0.2
V
VOH
Output High Voltage (TTL)
VIN =VIH or VIL
V
CC =MIN, IOH =-4.0mA
2.4
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com