Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATFI1502AS Datasheet(PDF) 1 Page - ATMEL Corporation

Part # ATFI1502AS
Description  High-performance EEPROM CPLD
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATFI1502AS Datasheet(HTML) 1 Page - ATMEL Corporation

  ATFI1502AS Datasheet HTML 1Page - ATMEL Corporation ATFI1502AS Datasheet HTML 2Page - ATMEL Corporation ATFI1502AS Datasheet HTML 3Page - ATMEL Corporation ATFI1502AS Datasheet HTML 4Page - ATMEL Corporation ATFI1502AS Datasheet HTML 5Page - ATMEL Corporation ATFI1502AS Datasheet HTML 6Page - ATMEL Corporation ATFI1502AS Datasheet HTML 7Page - ATMEL Corporation ATFI1502AS Datasheet HTML 8Page - ATMEL Corporation ATFI1502AS Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
1
Features
• High-density, High-performance, Electrically-erasable Complex Programmable
Logic Device
– 32 Macrocells
– 5 Product Terms per Macrocell, Expandable up to 40 per Macrocell
–44 Pins
– 7.5 ns Maximum Pin-to-pin Delay
– Registered Operation up to 125 MHz
– Enhanced Routing Resources
• In-System Programmability (ISP) via JTAG
• Flexible Logic Macrocell
– D/T Latch Configurable Flip-flops
– Global and Individual Register Control Signals
– Global and Individual Output Enable
– Programmable Output Slew Rate
– Programmable Output Open Collector Option
– Maximum Logic Utilization by Burying a Register with a COM Output
• Advanced Power Management Features
• Automatic10µAStandby for“L” Version
• Pin-controlled 1 mA Standby Mode
• Programmable Pin-keeper Inputs and I/Os
• Reduced-power Feature per Macrocell
• Available in Commercial and Industrial Temperature Ranges
• Available in 44-lead PLCC and TQFP
• Advanced EEPROM Technology
– 100% Tested
– Completely Reprogrammable
– 10,000 Program/Erase Cycles
– 20-year Data Retention
– 2000V ESD Protection
– 200 mA Latch-up Immunity
• JTAG Boundary-scan Testing to IEEE Std. 1149.1-1990 and 1149.1a-1993 Supported
• PCI-compliant
• Security Fuse Feature
Enhanced Features
• Improved Connectivity (Additional Feedback Routing, Alternate Input Routing)
• Output Enable Product Terms
• D Latch Mode
• Combinatorial Output with Registered Feedback within Any Macrocell
• Three Global Clock Pins
• ITD (Input Transition Detection) Circuits on Global Clocks, Inputs and I/O
(“L” versions)
• Fast Registered Input from Product Term
• Programmable “Pin-keeper” Option
• V
CC Power-up Reset Option
• Pull-up Option on JTAG Pins TMS and TDI
• Advanced Power Management Features
– Input Transition Detection
– Power-down (“L” versions)
– Individual Macrocell Power Option
– Disable ITD on Global Clocks, Inputs and I/O
High-
performance
EEPROM CPLD
ATF1502AS
ATF1502ASL
Rev. 0995J–PLD–09/02


Similar Part No. - ATFI1502AS

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
ATF-10100 HP-ATF-10100 Datasheet
51Kb / 4P
0.5-12 GHz Low Noise Gallium Arsenide FET
ATF-10100-GP3 HP-ATF-10100-GP3 Datasheet
51Kb / 4P
0.5-12 GHz Low Noise Gallium Arsenide FET
ATF-10136 HP-ATF-10136 Datasheet
46Kb / 3P
0.5-12 GHz Low Noise Gallium Arsenide FET
ATF-10136-STR HP-ATF-10136-STR Datasheet
46Kb / 3P
0.5-12 GHz Low Noise Gallium Arsenide FET
ATF-10136-TR1 HP-ATF-10136-TR1 Datasheet
46Kb / 3P
0.5-12 GHz Low Noise Gallium Arsenide FET
More results

Similar Description - ATFI1502AS

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATF1502AS ATMEL-ATF1502AS Datasheet
344Kb / 18P
High Performance E2PROM CPLD
ATF1504AS ATMEL-ATF1504AS Datasheet
462Kb / 21P
High- Performance EE CPLD
ATF1516AS ATMEL-ATF1516AS Datasheet
266Kb / 11P
High Performance EE-Based CPLD
ATF1502ASV ATMEL-ATF1502ASV Datasheet
225Kb / 22P
Highperformance EEPROM CPLD
logo
Cypress Semiconductor
CY3LV512 CYPRESS-CY3LV512 Datasheet
182Kb / 9P
512K / 1 Mbit CPLD Boot EEPROM
logo
ATMEL Corporation
ATF1502AS ATMEL-ATF1502AS_05 Datasheet
535Kb / 26P
Highperformance EEPROM CPLD
ATF1502ASV ATMEL-ATF1502ASV_06 Datasheet
377Kb / 25P
Highperformance EEPROM CPLD
logo
Xilinx, Inc
XC9572XL-7VQ64I XILINX-XC9572XL-7VQ64I Datasheet
86Kb / 8P
High Performance CPLD
XC9500XL XILINX-XC9500XL Datasheet
293Kb / 18P
XC9500XL High-Performance CPLD Family Data Sheet
XC9500XV XILINX-XC9500XV Datasheet
212Kb / 19P
High-Performance CPLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com