Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATFI1502AS Datasheet(PDF) 20 Page - ATMEL Corporation

Part # ATFI1502AS
Description  High-performance EEPROM CPLD
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATFI1502AS Datasheet(HTML) 20 Page - ATMEL Corporation

Back Button ATFI1502AS Datasheet HTML 16Page - ATMEL Corporation ATFI1502AS Datasheet HTML 17Page - ATMEL Corporation ATFI1502AS Datasheet HTML 18Page - ATMEL Corporation ATFI1502AS Datasheet HTML 19Page - ATMEL Corporation ATFI1502AS Datasheet HTML 20Page - ATMEL Corporation ATFI1502AS Datasheet HTML 21Page - ATMEL Corporation ATFI1502AS Datasheet HTML 22Page - ATMEL Corporation ATFI1502AS Datasheet HTML 23Page - ATMEL Corporation ATFI1502AS Datasheet HTML 24Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 25 page
background image
20
ATF1502AS(L)
0995J–PLD–09/02
OE (1, 2)
Global OE pins
GCLR
Global Clear pin
GCLK (1, 2, 3)
Global Clock pins
PD (1, 2)
Power-down pins
TDI, TMS, TCK, TDO
JTAG pins used for boundary-scan testing or in-system programming
GND
Ground pins
VCC
VCC pins for the device (+5V)
ATF1502AS Dedicated Pinouts
Dedicated Pin
44-lead
TQFP
44-lead
J-lead
INPUT/OE2/GCLK2
40
2
INPUT/GCLR
39
1
INPUT/OE1
38
44
INPUT/GCLK1
37
43
I/O / GCLK3
35
41
I/O / PD (1,2)
5, 19
11, 25
I/O / TDI (JTAG)
1
7
I/O / TMS (JTAG)
7
13
I/O / TCK (JTAG)
26
32
I/O/ TDO(JTAG)
32
38
GND
4, 16, 24, 36
10, 22, 30, 42
VCC
9, 17, 29, 41
3, 15, 23, 35
# of Signal Pins
36
36
# User I/O Pins
32
32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com