Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATFI1502AS Datasheet(PDF) 2 Page - ATMEL Corporation

Part # ATFI1502AS
Description  High-performance EEPROM CPLD
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATFI1502AS Datasheet(HTML) 2 Page - ATMEL Corporation

  ATFI1502AS Datasheet HTML 1Page - ATMEL Corporation ATFI1502AS Datasheet HTML 2Page - ATMEL Corporation ATFI1502AS Datasheet HTML 3Page - ATMEL Corporation ATFI1502AS Datasheet HTML 4Page - ATMEL Corporation ATFI1502AS Datasheet HTML 5Page - ATMEL Corporation ATFI1502AS Datasheet HTML 6Page - ATMEL Corporation ATFI1502AS Datasheet HTML 7Page - ATMEL Corporation ATFI1502AS Datasheet HTML 8Page - ATMEL Corporation ATFI1502AS Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
2
ATF1502AS(L)
0995J–PLD–09/02
44-lead TQFP
Top View
44-lead PLCC
Top View
Description
The ATF1502AS is a high-performance, high-density complex programmable logic device
(CPLD) that utilizes Atmel’s proven electrically-erasable technology. With 32 logic macrocells
and up to 36 inputs, it easily integrates logic from several TTL, SSI, MSI, LSI and classic
PLDs. The ATF1502AS’s enhanced routing switch matrices increase usable gate count and
the odds of successful pin-locked design modifications.
The ATF1502AS has up to 32 bi-directional I/O pins and four dedicated input pins, depending
on the type of device package selected. Each dedicated pin can also serve as a global control
signal, register clock, register reset or output enable. Each of these control signals can be
selected for use individually within each macrocell.
1
2
3
4
5
6
7
8
9
10
11
33
32
31
30
29
28
27
26
25
24
23
I/O/TDI
I/O
I/O
GND
PD1/I/O
I/O
TMS/I/O
I/O
VCC
I/O
I/O
I/O
I/O/TDO
I/O
I/O
VCC
I/O
I/O
I/O/TCK
I/O
GND
I/O
7
8
9
10
11
12
13
14
15
16
17
39
38
37
36
35
34
33
32
31
30
29
TDI/I/O
I/O
I/O
GND
PD1/I/O
I/O
I/O/TMS
I/O
VCC
I/O
I/O
I/O
I/O/TDO
I/O
I/O
VCC
I/O
I/O
I/O/TCK
I/O
GND
I/O



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com