Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATFI1502AS Datasheet(PDF) 3 Page - ATMEL Corporation

Part # ATFI1502AS
Description  High-performance EEPROM CPLD
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATFI1502AS Datasheet(HTML) 3 Page - ATMEL Corporation

  ATFI1502AS Datasheet HTML 1Page - ATMEL Corporation ATFI1502AS Datasheet HTML 2Page - ATMEL Corporation ATFI1502AS Datasheet HTML 3Page - ATMEL Corporation ATFI1502AS Datasheet HTML 4Page - ATMEL Corporation ATFI1502AS Datasheet HTML 5Page - ATMEL Corporation ATFI1502AS Datasheet HTML 6Page - ATMEL Corporation ATFI1502AS Datasheet HTML 7Page - ATMEL Corporation ATFI1502AS Datasheet HTML 8Page - ATMEL Corporation ATFI1502AS Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
3
ATF1502AS(L)
0995J–PLD–09/02
Block Diagram
Each of the 32 macrocells generates a buried feedback that goes to the global bus. Each input
and I/O pin also feeds into the global bus. The switch matrix in each logic block then selects 40
individual signals from the global bus. Each macrocell also generates a foldback logic term
that goes to a regional bus. Cascade logic between macrocells in the ATF1502AS allows fast,
efficient generation of complex logic functions. The ATF1502AS contains four such logic
chains, each capable of creating sum term logic with a fan-in of up to 40 product terms.
The ATF1502AS macrocell, shown in Figure 1, is flexible enough to support highly complex
logic functions operating at high speed. The macrocell consists of five sections: product terms
and product term select multiplexer, OR/XOR/CASCADE logic, a flip-flop, output select and
enable, and logic array inputs.
Unused product terms are automatically disabled by the compiler to decrease power con-
sumption. A security fuse, when programmed, protects the contents of the ATF1502AS. Two
bytes (16 bits) of User Signature are accessible to the user for purposes such as storing
project name, part number, revision or date. The User Signature is accessible regardless of
the state of the security fuse.
The ATF1502AS device is an in-system programmable (ISP) device. It uses the industry stan-
dard 4-pin JTAG interface (IEEE Std. 1149.1), and is fully compliant with JTAG’s Boundary-
scan Description Language (BSDL). ISP allows the device to be programmed without remov-
ing it from the printed circuit board. In addition to simplifying the manufacturing flow, ISP also
allows design modifications to be made in the field via software.
B
32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com