Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADATE320KCPZ Datasheet(PDF) 26 Page - Analog Devices

Part # ADATE320KCPZ
Description  1.25 GHz Dual Integrated DCL
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADATE320KCPZ Datasheet(HTML) 26 Page - Analog Devices

Back Button ADATE320KCPZ Datasheet HTML 22Page - Analog Devices ADATE320KCPZ Datasheet HTML 23Page - Analog Devices ADATE320KCPZ Datasheet HTML 24Page - Analog Devices ADATE320KCPZ Datasheet HTML 25Page - Analog Devices ADATE320KCPZ Datasheet HTML 26Page - Analog Devices ADATE320KCPZ Datasheet HTML 27Page - Analog Devices ADATE320KCPZ Datasheet HTML 28Page - Analog Devices ADATE320KCPZ Datasheet HTML 29Page - Analog Devices ADATE320KCPZ Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 83 page
background image
Data Sheet
ADATE320
Rev. B | Page 25 of 82
ABSOLUTE MAXIMUM RATINGS
Table 15.
Parameter
Rating
Supply Voltages
Positive Supply Voltage (VCC to PGND)
−0.5 V to +9.0 V
Positive Supply Voltage (VDD to DGND)
−0.5 V to +2.2 V
Negative Supply Voltage (VEE to PGND)
−6.0 V to +0.5 V
Supply Voltage Difference (VCC to VEE)
−1.0 V to +15.0 V
Reference Ground (DUTGND to AGND)
−0.5 V to +0.5 V
Supply Sequence or Dropout Condition
No limitations
Input/Output Voltages
Digital Input Voltage Range
−0.5 V to VDD + 0.5 V
VREF Input Voltage Range
−0.5 V to +3.5 V
VREFGND, DUTGND Input Voltage Range
−0.5 V to +0.5 V
DUTx Output Short-Circuit Voltage1
−3.0 V to +6.0 V
High Speed Termination (VTTCx,
VTTDx) Input Voltage Range
−0.5 V to +2.2 V
High Speed DATx/RCVx Common-
Mode Input Voltage Range2
−0.5 V to +2.2 V
High Speed DATx/RCVx Differential
Mode Input Voltage Range2
−1.0 V to +1.0 V
High Speed CMPHx/CHPLx, PPMU_
CMPHx/PPMU_CMPLx Absolute
Output Voltage Range
−0.5 V to +2.2 V
DUTx Input/Output Pin Current Limit
DCL Maximum Short-Circuit Current3
±120 mA
Operating Temperature, Junction
125°C
Storage Temperature Range
−65°C to +150°C
1
RL = 0 Ω, VDUTx continuous short-circuit condition (VIH, VIL, VIT), high-Z,
VCOM, and all clamp modes.
2
DATx, DATx, RCVx, RCVx, RSOURCE = 0 Ω, no pin to exceed either maximum
common-mode input range or differential mode input range.
3
RL = 0 Ω, VDUTx = −3 V to +6 V; DCL current limit. Continuous short-circuit condition.
The ADATE320 is designed to withstand continuous short-circuit fault.
Stresses at or above those listed under Absolute Maximum
Ratings may cause permanent damage to the product. This is a
stress rating only; functional operation of the product at these
or any other conditions above those indicated in the operational
section of this specification is not implied. Operation beyond
the maximum operating conditions for extended periods may
affect product reliability.
THERMAL CHARACTERISTICS
θJA is specified for the worst case conditions, that is, a device
soldered in a circuit board for surface-mount packages.
Table 16. Thermal Resistance
PackageType
Airflow Velocity (m/sec)
θJA
θJC
Unit
84-Lead
LFCSP
N/A1
N/A1
3.2
°C/W
0
45
N/A1
°C/W
1
40
N/A1
°C/W
2
37
N/A1
°C/W
1
N/A means not applicable.
EXPLANATION OF TEST LEVELS
D
Definition.
S
Design verification simulation.
P
100% production tested.
PF
Functionally checked during production test.
CT
Characterized on tester.
CB
Characterized on bench.
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com