Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADATE320KCPZ Datasheet(PDF) 17 Page - Analog Devices

Part # ADATE320KCPZ
Description  1.25 GHz Dual Integrated DCL
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADATE320KCPZ Datasheet(HTML) 17 Page - Analog Devices

Back Button ADATE320KCPZ Datasheet HTML 13Page - Analog Devices ADATE320KCPZ Datasheet HTML 14Page - Analog Devices ADATE320KCPZ Datasheet HTML 15Page - Analog Devices ADATE320KCPZ Datasheet HTML 16Page - Analog Devices ADATE320KCPZ Datasheet HTML 17Page - Analog Devices ADATE320KCPZ Datasheet HTML 18Page - Analog Devices ADATE320KCPZ Datasheet HTML 19Page - Analog Devices ADATE320KCPZ Datasheet HTML 20Page - Analog Devices ADATE320KCPZ Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 83 page
background image
ADATE320
Data Sheet
Rev. B | Page 16 of 82
Parameter
Min
Typ
Max
Unit
Test
Level
Test Conditions/Comments
PPMU_Mx Pin, Parasitic Output
Capacitance
2
pF
S
Parasitic capacitance contributed by pin
PPMU_Mx Pin, External Load
Capacitance
100
pF
S
External capacitance tolerated by pin
(exceeding this value may cause instability)
PPMU VOLTAGE CLAMPS (FI)
PPMU enabled in FIMI, PPMU clamps
enabled; clamp accuracy applies only
when |PCHx − PCLx| ≥ 1.0 V
Low Voltage Clamp Range (PCLx)
−1.5
+3.5
V
D
High Voltage Clamp Range (PCHx)
−0.5
+4.5
V
D
Offset, Voltage Clamps (PCHx/PCLx)
−300
+300
mV
P
Range B, PPMU force ±0.5 mA into open;
PCHx measured at DAC Code 0x4000 (0.0 V)
with PCLx at DAC Code 0x0000 (−2.5 V); PCLx
measured at DAC Code 0x4000 (0.0 V) with
PCHx at DAC Code 0xFFFF (+7.5 V)
OffsetTC,Voltage Clamps (PCHx/PCLx)
±0.5
mV/°C
CT
Gain, Voltage Clamps (PCHx/PCLx)
1.0
1.1
V/V
P
Range B, PPMU force ±0.5 mA into open; PCHx
gain derived from measurements at DAC
Code 0x4000 (0.0 V) and DAC Code 0x8CCC
(3.0 V) with PCLx at DAC Code 0x0000
(−2.5 V); PCLx gain derived from measure-
ments at DAC Code 0x4000 (0.0 V) and
DAC Code 0x8CCC (3.0 V) with PCHx at
DAC Code 0xFFFF (7.5 V)
Gain TC, Voltage Clamps (PCHx/PCLx)
±25
ppm/°C
CT
INL, Voltage Clamps (PCHx/PCLx)
−20
+20
mV
P
Range B, PPMU force ±0.5 mA into open
after two-point gain/offset calibration;
measured over PPMU clamp functional
range
Positive Voltage Clamp, Voltage
Droop (Source)
−50
+50
mV
P
∆V at DUTx pin, Range A, PCHx = +4.0 V,
PCLx = −1.0 V, PPMU force 5.0 mA and
40 mA into open circuit, calibrated
Negative Voltage Clamp, Voltage
Droop (Sink)
−50
+50
mV
P
∆V at DUTx pin, Range A, PCHx = +4.0 V,
PCLx = −1.0 V, PPMU force −5.0 mA and
−40 mA into open circuit, calibrated
DUTGND Voltage Accuracy
−5
±1
+5
mV
P
Over ±0.1 V range; measured at end points
of clamp functional range
PPMU CURRENT CLAMPS (FV)
PPMU enabled in FVMV, dc accuracy of the
current clamps only applies over the
following conditions: 30% FS ≤ PCHx ≤
100% FS or −100% FS ≤ PCLx ≤ −30% FS
Functional Range
Low Current Clamp (PCLx)
−120
−20
%FS
S
For example, −120% FS in Range A is
−48 mA and −20% FS in Range A is −8 mA
High Current Clamp (PCHx)
20
120
%FS
S
For example, 20% FS in Range A is 8 mA
and 120% FS in Range A is 48 mA
DC Accuracy Range
Low Current Clamp (PCLx)
−100
−30
%FS
D
For example, −100% FS in Range A is
−40 mA and −30% FS in Range A is −12 mA
High Current Clamp (PCHx)
30
100
%FS
D
For example, 30% FS in Range A is 12 mA
and 100% FS in Range A is 40 mA
Static Current Limit, Source and
Sink, All Ranges
±120
±140
±160
%FS
P
PCLx at DAC Code 0x0000 (−2.5 V), PCHx
at DAC Code 0xFFFF (7.5 V), sink: force
−1.5 V, short DUTx to 4.5 V, source: force
4.5 V, short DUTX to −1.5 V
Offset, Current Clamps (PCHx/PCLx)
−10
+10
%FSR
P
All ranges; PPMU force ±1.0 V into 0.0 V1
Offset TC, Current Clamps
(PCHx/PCLx)
±0.02
%FSR/°C
CT
All ranges



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com