Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADATE320KCPZ Datasheet(PDF) 13 Page - Analog Devices

Part # ADATE320KCPZ
Description  1.25 GHz Dual Integrated DCL
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADATE320KCPZ Datasheet(HTML) 13 Page - Analog Devices

Back Button ADATE320KCPZ Datasheet HTML 9Page - Analog Devices ADATE320KCPZ Datasheet HTML 10Page - Analog Devices ADATE320KCPZ Datasheet HTML 11Page - Analog Devices ADATE320KCPZ Datasheet HTML 12Page - Analog Devices ADATE320KCPZ Datasheet HTML 13Page - Analog Devices ADATE320KCPZ Datasheet HTML 14Page - Analog Devices ADATE320KCPZ Datasheet HTML 15Page - Analog Devices ADATE320KCPZ Datasheet HTML 16Page - Analog Devices ADATE320KCPZ Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 83 page
background image
ADATE320
Data Sheet
Rev. B | Page 12 of 82
Parameter
Min
Typ
Max
Unit
Test
Level
Test Conditions/Comments
IOLx Resolution
763
nA
D
IOLx DNL
±1.25
µA
CT
IOHx = −2.5 mA, VCOMx = 1.5 V, VDUTx = 0.0 V; after
two-point gain/offset calibration; measured over IOLx
range 0 mA to 25 mA; calibrated at DAC Code
0x451F (1 mA) and DAC Code 0xA666 (20 mA)
IOLx INL
−100
+100
µA
P
IOHx = −2.5 mA, VCOM = 1.5 V, VDUTx = 0.0 V, after
two-point gain/offset calibration
IOLx 90% Commutation
Voltage
0.25
0.4
V
P
IOHx = IOLx = 25 mA, VCOM = 2.0 V, measure IOLx
reference at VDUTx = −1.0 V, measure IOLx current at
VDUTx = 1.6 V, check > 90% of reference current
0.1
V
CT
IOHx = IOLx = 1 mA, VCOM = 2.0 V, measure IOLx
reference at VDUTx = −1.0 V, measure IOLx current at
VDUTx = 1.9 V, check > 90% of reference current
Maximum Sink Current (IOHx)
25
mA
D
VDUTx ≥ −0.5 V (a compliance limit is set by a 50 Ω
internal resistor as illustrated in Figure 142)
IOHx Offset
−600
+600
µA
P
IOLx = −2.5 mA, VCOM = 1.5 V, VDUTx = 3.0 V, offset
extrapolated from measurements at DAC Code 0x451F
(1 mA) and DAC Code 0xA666 (20 mA)
IOHx Offset TC
±1
µA/°C
CT
IOHx Gain Error
0
+25
%
P
IOLx = −2.5 mA, VCOM = 1.5 V, VDUTx = 3.0 V, gain
derived from measurements at DAC Code 0x451F
(1 mA) and DAC Code 0xA666 (20 mA); based on an
ideal DAC transfer function
IOHx Gain TC
±100
ppm/°C
CT
IOHx Resolution
763
nA
D
IOHx DNL
±1.25
µA
CT
IOLx = −2.5 mA, VCOM = 1.5 V, VDUTx = 3.0 V, after
two-point gain/offset calibration; measured over
IOHx range of 0 mA to 25 mA; calibrated at DAC
Code 0x451F (1 mA) and DAC Code 0xA666 (20 mA)
IOHx INL
−100
+100
µA
P
IOLx = −2.5 mA, VCOM = 1.5 V, VDUTx = 3.0 V, after
two-point gain/offset calibration
IOHx 90% Commutation
Voltage
0.25
0.4
V
P
IOHx = IOLx = 25 mA, VCOM = 2.0 V, measure IOHx
reference at VDUTx = 4.0 V, measure IOHx current at
VDUTx = 2.4 V, ensure > 90% of reference current
0.1
V
CT
IOHx = IOLx = 1 mA, VCOM = 2.0 V, measure IOHx
reference at VDUTx = 4.0 V, measure IOHx current at
VDUTx = 2.1 VDUTx, ensure > 90% of reference current
AC SPECIFICATIONS
All ac measurements are performed after dc
calibration unless noted, load active on
Dynamic Performance
Toggle RCVx; DUTx terminated 50 Ω to 0.0 V; IOLx =
IOHx = 20 mA, VIH = VIL = 0.0 V; VCOM = +1.5 V for
IOLx and −1.5 V for IOHx
Propagation Delay, Load
Active On to Load Active Off
1.7
ns
CB
Measured from zero crossing of RCVx − RCVx to
50% of final output value; repeat for drive low and
drive high
Propagation Delay, Load
Active Off to Load Active On
2.9
ns
CB
Measured from zero crossing of RCVx − RCVx to
50% of final output value; repeat for drive low and
drive high
Propagation Delay Matching
1.2
ns
CB
Active on vs. active off; repeat for drive low and
drive high
Load Spike
140
mV
CB
Repeat for drive low and drive high
Settling Time to Within 5%
2.5
ns
CB
Measured from output crossing 50% final value to
output within 5% final value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com