Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADATE320KCPZ Datasheet(PDF) 80 Page - Analog Devices

Part # ADATE320KCPZ
Description  1.25 GHz Dual Integrated DCL
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADATE320KCPZ Datasheet(HTML) 80 Page - Analog Devices

Back Button ADATE320KCPZ Datasheet HTML 75Page - Analog Devices ADATE320KCPZ Datasheet HTML 76Page - Analog Devices ADATE320KCPZ Datasheet HTML 77Page - Analog Devices ADATE320KCPZ Datasheet HTML 78Page - Analog Devices ADATE320KCPZ Datasheet HTML 79Page - Analog Devices ADATE320KCPZ Datasheet HTML 80Page - Analog Devices ADATE320KCPZ Datasheet HTML 81Page - Analog Devices ADATE320KCPZ Datasheet HTML 82Page - Analog Devices ADATE320KCPZ Datasheet HTML 83Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 80 / 83 page
background image
Data Sheet
ADATE320
Rev. B | Page 79 of 82
D1
D0
D15 D14 D13 D12 D11 D10 D9
D8
D7
D6
D5
D4
D3
D2
24
25
10
11
12
13
14
15
16
17
18
19
20
21
22
23
DATA-WORD INDEX
SPI CLOCK INDEX
RESERVED
THERMAL ALARM FLAG, CHANNEL 0 ONLY
[0] = THERMAL FAULT NOT DETECTED.
1 = THERMAL FAULT DETECTED.
WHEN THE ALARM_THERM_FLAG BIT IS SET, A FAULT WAS DETECTED ON THE DIE ACCORDING TO
THE THERMAL THRESHOLD SET IN THE ALARM_THERM_THRESH BIT. THIS FLAG IS SUBORDINATE
TO THE ALARM_THERM_MASK CONTROL BIT, AND IT AUTOMATICALLY RESETS AFTER ANY READ
FROM THE ALARM STATE REGISTER.
PPMU ALARM FLAG, CHANNEL 0/CHANNEL 1
[0] = PPMU VOLTAGE/CURRENT CLAMP OR STATIC CURRENT LIMIT CONDITION NOT DETECTED.
1 = PPMU VOLTAGE/CURRENT CLAMP OR STATIC CURRENT LIMIT CONDITION DETECTED.
WHEN THE ALARM_PPMU_FLAG_x BIT IS SET, THEN A PPMU VOLTAGE/CURRENT CLAMP OR STATIC
CURRENT LIMIT CONDITION IS DETECTED ON CHANNEL x. THIS FLAG IS SUBORDINATE TO THE
ALARM_PPMU_MASK_x CONTROL BIT, AND AUTOMATICALLY RESETS AFTER ANY READ FROM THE ALARM
STATE REGISTER.
OVERVOLTAGE ALARM FLAG, CHANNEL 0/CHANNEL 1
[0] = OVERVOLTAGE FAULT NOT DETECTED.
1 = OVERVOLTAGE FAULT DETECTED.
WHEN ALARM_OVDH_FLAG IS SET, AN OVERVOLTAGE FAULT CONDITION IS DETECTED ON CHANNEL x
DUTx PIN ACCORDING TO THE THRESHOLD SET IN THE OVDH DAC REGISTER. THIS FLAG IS SUBORDINATE
TO THE ALARM_OVD_MASK_x CONTROL BIT, AND IT AUTOMATICALLY RESETS AFTER ANY READ FROM
THE ALARM STATE REGISTER.
UNDERVOLTAGE ALARM FLAG, CHANNEL 0/CHANNEL 1
[0] = UNDERVOLTAGE FAULT NOT DETECTED.
1 = UNDERVOLTAGE FAULT DETECTED.
WHEN ALARM_OVDL_FLAG_x IS SET, AN UNDERVOLTAGE FAULT CONDITION IS DETECTED ON CHANNEL x
DUTx PIN ACCORDING TO THE THRESHOLD SET IN THE OVDL DAC REGISTER. THIS FLAG IS SUBORDINATE
TO THE ALARM_OVD_MASK_x CONTROL BIT, AND AUTOMATICALLY RESETS AFTER ANY READ FROM THE
ALARM STATE REGISTER.
Figure 153. Alarm State Register (Address 0x1E) (Read Only)
D1
D0
D15 D14 D13 D12 D11 D10 D9
D8
D7
D6
D5
D4
D3
D2
24
25
10
11
12
13
14
15
16
17
18
19
20
21
22
23
DATA-WORD INDEX
SPI CLOCK INDEX
PRODUCT SERIALIZATION CODE REGISTER, CHANNEL 0/CHANNEL 1
THIS REGISTER CONTAINS UNIQUE NONVOLATILE PRODUCT IDENTIFICATION INFORMATION THAT IS
WRITTEN TO THE DEVICE DURING MANUFACTURE. THIS REGISTER IS INITIALIZED DURING RESET TO
THE DATA TRIMMED INTO NONVOLATILE FUSE MEMORY. WHILE IT IS POSSIBLE TO WRITE SOME
TEMPORARY DATA TO THIS REGISTER, IT HAS NO EFFECT ON OPERATION OF THE DEVICE. THE
CONTENTS OF THE REGISTER ARE REINITIALIZED AT NEXT RESET TO THE FACTORY PROGRAMMED
VALUES. THERE ARE 32 BITS OF IDENTIFICATION DATA CONTAINED IN THIS REGISTER, AS FOLLOWS:
CHAN 0:
PRODUCT SERIALIZATION CODE LOW
(LOWER HALF)
CHAN 1:
PRODUCT SERIALIZATION CODE HIGH (UPPER HALF)
Figure 154. Product Serialization Code Register (Address 0x1F)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com