Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADATE320KCPZ Datasheet(PDF) 51 Page - Analog Devices

Part # ADATE320KCPZ
Description  1.25 GHz Dual Integrated DCL
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADATE320KCPZ Datasheet(HTML) 51 Page - Analog Devices

Back Button ADATE320KCPZ Datasheet HTML 47Page - Analog Devices ADATE320KCPZ Datasheet HTML 48Page - Analog Devices ADATE320KCPZ Datasheet HTML 49Page - Analog Devices ADATE320KCPZ Datasheet HTML 50Page - Analog Devices ADATE320KCPZ Datasheet HTML 51Page - Analog Devices ADATE320KCPZ Datasheet HTML 52Page - Analog Devices ADATE320KCPZ Datasheet HTML 53Page - Analog Devices ADATE320KCPZ Datasheet HTML 54Page - Analog Devices ADATE320KCPZ Datasheet HTML 55Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 83 page
background image
ADATE320
Data Sheet
Rev. B | Page 50 of 82
THEORY OF OPERATION
SERIAL PROGRAMMABLE INTERFACE (SPI)
SPI Hardware Interconnect Details
ADATE320
(CHIP n)
SCLK
SDI
SDO
BUSY
CS
ADATE320
(CHIP 1)
SCLK
SDI
SDO
BUSY
CS
ADATE320
(CHIP 0)
SCLK
SDI
SDO
BUSY
CS
SCLK
CS[n:0]
SDI
SDO
BUSY
n
Figure 127. Multiple SPI with a Shared SDO Line
SPI Reset Sequence and the RST Pin
The internal state of the ADATE320 is indeterminate following
power-up. For this reason, it is necessary to perform a valid
hardware reset sequence as soon as the power supplies are
stabilized. The ADATE320 provides an active low reset pin
(RST) for this purpose. Asserting RST asynchronously initiates
a reset sequence. Furthermore, the RST pin must be asserted
before and during the power-up cycling sequence, and released
only after all power supplies are guaranteed to be stable.
A soft reset sequence can also be initiated under SPI software
control by writing to the SPI_RESET bit (see Figure 147). In the
case of a soft reset, the sequence begins on the first rising edge
of SCLK following the release of CS, subject to the normal setup
and hold times. Certain actions occur immediately upon the
initiation of the reset request, whereas other actions require
several cycles of SCLK.
The following asynchronous actions occur immediately following
the detection of the reset request, whether it was hardware (RST) or
software (SPI) initiated:
•
Assert open-drain BUSY pin
•
Force all control registers to their default reset states as
defined in Table 29
•
Clear all calibration registers to their default reset states as
defined in Table 29
•
Override all DAC analog outputs and force dc levels to
VDUTGND, disable the driver and PPMU functions
•
Enable active loads with IOHx = IOLx = 100 µA
(uncalibrated and expected to vary with offset from device
to device); soft connect DUTx pins to VCOM = VDUTGND
The device remains in this static reset state indefinitely until the
clocked portion of the sequence begins with either the first rising
edge of SCLK following the release of RST in the case of an
asynchronous hardware reset, or the second rising edge of
SCLK following the release of CS in the case of a software SPI
reset. Regardless of how the reset sequence was initiated, the
clocked portion of the sequence requires 744 SCLK cycles to
run through to completion, and the open-drain BUSY pin (if
available) remains asserted until all clock cycles are received.
The following actions occur during the clocked portion of the
reset sequence:
•
Complete initialization of internal SPI controller
•
Write default values to appropriate DAC X2 registers
•
Enable the thermal alarm with a 100°C threshold
•
Disable the PPMU clamp and overvoltage detect (OVD)
alarms
The 744 rising edges of SCLK release BUSY and start a self
timed DAC deglitch period of approximately 3 µs. DAC voltages
begin to change as soon as the deglitch circuits time out. An
additional 10 µs is required to settle to the final values. A full
reset sequence thus requires approximately 30 µs, comprising 16 µs
(744 cycles × 20 ns) for post reset initialization, 3 µs for DAC
deglitch, and another 10 µs for DAC analog level settling.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com