Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS4200 Datasheet(PDF) 2 Page - Microchip Technology

Part # PS4200
Description  PS402 Battery Manager Module with LED SOC Display
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PS4200 Datasheet(HTML) 2 Page - Microchip Technology

  PS4200 Datasheet HTML 1Page - Microchip Technology PS4200 Datasheet HTML 2Page - Microchip Technology PS4200 Datasheet HTML 3Page - Microchip Technology PS4200 Datasheet HTML 4Page - Microchip Technology PS4200 Datasheet HTML 5Page - Microchip Technology PS4200 Datasheet HTML 6Page - Microchip Technology PS4200 Datasheet HTML 7Page - Microchip Technology PS4200 Datasheet HTML 8Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
PS4200
DS21768A-page 2
Preliminary
 2003 Microchip Technology Inc.
1.0
GENERAL DESCRIPTION
The PS4200 module is a complete smart battery
controller subsystem based on the Microchip PS402
battery manager with patented Accuron™ technology.
The module is designed to operate in a battery pack
consisting of six (6) to ten (10) series connected
Ni-based cells. The module consists of the Microchip
PS402 battery manager IC with a four LED SOC
display and an optional connection for an external
thermistor.
1.1
Quick Start - Pack Assembly
Follow these directions to assemble a pack with the
PS4200 module.
• Use standard precautions when handling static
sensitive devices.
• Modules should be connected to battery cells in
the order indicated below to insure proper start-up
and operation. Wires should be attached to the
modules first and then connected to the battery
cells as instructed.
• The connection sequence is critical to successful
use of the PS402 family of CMOS ASICs. The
pack positive should be securely connected to the
module first, followed by pack negative.
Step 1:
Configure the module for optional external
thermistor
use.
PS4200
modules
are
shipped
configured to use the internal temperature sensor only.
To add an external thermistor to the board, remove
resistor R16 and connect the thermistor across vias TN
and TR.
Step 2: Connect wires to module. Use large diameter
wire (18 AWG-20 AWG) for current carrying lines from
VR and V1. All others are signal only lines (24 to 22
AWG).
Step 3: Connect V1 to the most positive point on the
battery cell stack.
Step 4: Connect VR to the most negative point on the
battery cell stack.
Step 5: Connect external connector to BN, T, C, D and
BP.
Step 6:
Program
the assembled pack
using
Microchip's PowerTool™ software and PowerCal™
board or PowerInfo™ board hardware.
The EEPROM parameters can be changed at will using
the utilities on the P4 EE page in the PowerTool
software. The OTP EPROM parameters can be
changed a limited number of times using utilities on the
P4 OTP page. To write to the OTP EPROM, an
additional voltage (VPP) must be applied to the PS402.
This programming voltage can be obtained from the
PowerInfo board and applied to the PS4200 at connec-
tion VP (small thru-hole) located on the small edge of
the board opposite the connector edge.
Step 7:
Calibrate the pack using the PowerTool
software and PowerCal board hardware. The pack is
now ready for use.
FIGURE 1-1:
CONNECTION POINTS (SIDE 1)
VP
TR
TN
VR
V1
BN
D
C
BP
T



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com