Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS4200 Datasheet(PDF) 6 Page - Microchip Technology

Part # PS4200
Description  PS402 Battery Manager Module with LED SOC Display
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PS4200 Datasheet(HTML) 6 Page - Microchip Technology

  PS4200 Datasheet HTML 1Page - Microchip Technology PS4200 Datasheet HTML 2Page - Microchip Technology PS4200 Datasheet HTML 3Page - Microchip Technology PS4200 Datasheet HTML 4Page - Microchip Technology PS4200 Datasheet HTML 5Page - Microchip Technology PS4200 Datasheet HTML 6Page - Microchip Technology PS4200 Datasheet HTML 7Page - Microchip Technology PS4200 Datasheet HTML 8Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
PS4200
DS21768A-page 6
Preliminary
 2003 Microchip Technology Inc.
3.1
Mechanical Dimensions
Overall Dimensions: 1772 mils x 339 mils
FIGURE 3-2:
PS4200 DIMENSION DETAILS
4.0
DEVELOPMENT TOOL
SUMMARY
Microchip provides all the necessary hardware and
software to enable easy tailoring of battery control
algorithm parameters and cell performance models to
meet specific application requirements and attain the
highest
accuracy
available
anywhere.
Table 4-1
summarizes the development tool offering from
Microchip to support the PS4200. Please refer to
the Microchip web site for ordering information and
design documentation
(including
schematics)
at
www.microchip.com.
4.1
Reference Documents
This data sheet provides an overview of the PS4200
Battery Manager Module. For further information on the
PS402 and development tool operations, please refer
to the documents listed in Table 4-2 available for
download at www.microchip.com.
TABLE 4-1:
MICROCHIP DEVELOPMENT TOOL SUMMARY
TABLE 4-2:
MICROCHIP REFERENCE DOCUMENTS
3.4mm
4.3mm
0
8.6mm
1.6mm
5.2mm
3.4mm
4.3mm
7.2mm
1.4mm
5.2mm
L-SHAPED BOX INDICATES
AREA CLEAR OF COMPONENTS
ON THE BOTTOM SIDE,
BEHIND THE LEDs AND SWITCH.
EDGE OF BOX UNDER LEDs IS
LOCATED 3.3mm FROM UPPER
EDGE OF PCB.
Development Tool
Use
PowerInfo™ hardware with PowerTool™
software (PS041)
Read and write Smart Battery data values, EEPROM programming,
OTP EPROM programming
PowerCal™ hardware with PowerTool
software (PS042)
Read and write Smart Battery data values, EEPROM programming,
OTP EPROM programming, pack calibration, pack test
Document Number
Documents Available
DS21766A
PS402 Single Chip Battery Manager - Nickel Chemistries Data Sheet (IC Products)
DS40234A
PS041 PowerInfo Configuration Interface Product Brief
DS40237A
PS042 PowerCal Calibration Platform Data Sheet (Development Tool Documentation)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com