Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS4200 Datasheet(PDF) 3 Page - Microchip Technology

Part # PS4200
Description  PS402 Battery Manager Module with LED SOC Display
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PS4200 Datasheet(HTML) 3 Page - Microchip Technology

  PS4200 Datasheet HTML 1Page - Microchip Technology PS4200 Datasheet HTML 2Page - Microchip Technology PS4200 Datasheet HTML 3Page - Microchip Technology PS4200 Datasheet HTML 4Page - Microchip Technology PS4200 Datasheet HTML 5Page - Microchip Technology PS4200 Datasheet HTML 6Page - Microchip Technology PS4200 Datasheet HTML 7Page - Microchip Technology PS4200 Datasheet HTML 8Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
 2003 Microchip Technology Inc.
Preliminary
DS21768A-page 3
PS4200
FIGURE 1-2:
BOARD ASSEMBLY (SIDE 1)
FIGURE 1-3:
BOARD ASSEMBLY (SIDE 2)
2.0
FUNCTIONAL DESCRIPTION
2.1
PS402 Fuel Gauge
The module fuel gauge provides State-of-Charge
(SOC) and battery status data in accordance with the
SMBus standards version 1.1. The PS402 monitors the
pack voltage, battery temperature and current to
determine SOC and battery status. The State-of-
Charge calculations are compensated for cell self
discharge and charge acceptance. The remaining time
calculation is compensated for temperature and
discharge rate. The parameters for determining battery
status flags and alarm thresholds are all programmable
as is the battery design capacity and the battery
performance model data. Please refer to the data sheet
"PS402
Single
Chip
Battery
Manager
-
Nickel
Chemistries" for details on configuring the PS402.
2.2
OTP EPROM Programming
To write to the OTP EPROM, an additional voltage
(VPP) must be applied to the PS402. This programming
voltage can be obtained from the PowerInfo board and
applied to the PS4200 at connection VP (small
thru-hole) located on the small edge of the board
opposite the connector edge. Then use the utilities
located on the P4 OTP page of the PowerTool software
to write new values to the PS402 OTP EPROM.
C5
R32
R26
SW1
C1
R29
R1
R16
R36
C7
D3
R9
R8
U1
R6
R10
R7
C16
D1
D2
R5



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com