Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS4200 Datasheet(PDF) 1 Page - Microchip Technology

Part # PS4200
Description  PS402 Battery Manager Module with LED SOC Display
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PS4200 Datasheet(HTML) 1 Page - Microchip Technology

  PS4200 Datasheet HTML 1Page - Microchip Technology PS4200 Datasheet HTML 2Page - Microchip Technology PS4200 Datasheet HTML 3Page - Microchip Technology PS4200 Datasheet HTML 4Page - Microchip Technology PS4200 Datasheet HTML 5Page - Microchip Technology PS4200 Datasheet HTML 6Page - Microchip Technology PS4200 Datasheet HTML 7Page - Microchip Technology PS4200 Datasheet HTML 8Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
 2003 Microchip Technology Inc.
Preliminary
DS21768A-page 1
PS4200
Features
• PS402 tested, fully populated modules for
evaluation and production
• Designed to work with 6 to 10 series cell NiMH
configurations
• Performs all major NiMH battery management
functions including
- Accurate capacity monitoring
- Optional external thermistor configuration for
accurate temperature monitoring
- Supports three full charge detection methods
- dT/dt, -dV, programmable overcharge
• SOC display with four LEDs and a switch
• Fully compliant with industry standard Smart
Battery Data Specification v1.1a
• SMBus v1.1 with PEC/CRC-8 communication
with system host
• High accuracy measurement of charge/discharge
current, voltage, and temperature with on-chip
15-bit integrating A/D
• Precise capacity reporting using Microchip
patented algorithms and 3D battery cell models
• 3D models and “learned” parameters stored in
integrated EPROM and EEPROM
• Extremely low power operation:
- Sleep Mode: < 13
µA typical
- Run Mode: < 500
µA typical
- Sample Mode: < 250
µA typical
• Complete hardware and software development
tools available
• Overall mechanical dimensions:
- 0.339 W x 1.772 L (inches)
- 8.6 W x 45.0 L (millimeters)
Board Photo
Ordering Information
Part Number
Description
PS4200
NiMH - 6 to 10 series cells
NEED PHOTO
PS402 Battery Manager Module with LED SOC Display


Similar Part No. - PS4200

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PS4200EV MICROCHIP-PS4200EV Datasheet
289Kb / 8P
PS4200 Evaluation Kit
02/12/03
More results

Similar Description - PS4200

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1259 DALLAS-DS1259 Datasheet
73Kb / 5P
Battery Manager Chip
logo
Maxim Integrated Produc...
MAX1259 MAXIM-MAX1259 Datasheet
220Kb / 8P
MAX1259 Battery Manager
19-4638; Rev 1; 4/94
logo
Microchip Technology
PS5162 MICROCHIP-PS5162 Datasheet
165Kb / 10P
Two-Cell Battery Manager Module with LED SOC Display for Lithium Chemistries
2004
PS5163 MICROCHIP-PS5163 Datasheet
184Kb / 10P
Three-Cell Battery Manager Module with LED SOC Display for Lithium Chemistries
2004
PS5100 MICROCHIP-PS5100 Datasheet
127Kb / 10P
Nickel Chemistry Battery Manager Module with LED SOC Display
2004
logo
Linear Technology
LTC4110 LINER-LTC4110 Datasheet
445Kb / 52P
Battery Backup System Manager
logo
Microchip Technology
PS4160 MICROCHIP-PS4160 Datasheet
244Kb / 10P
PS401 Battery Manager Module with LED SOC Display
03/25/03
PS5164 MICROCHIP-PS5164 Datasheet
204Kb / 10P
PS501 Four-Cell Battery Manager Module with LED SOC Display for Lithium Chemistries
02/17/04
logo
Maxim Integrated Produc...
DS1259 MAXIM-DS1259 Datasheet
78Kb / 5P
Battery Manager Chip
111999
MAX1259 MAXIM-MAX1259_V01 Datasheet
1,004Kb / 8P
Battery Manager
2014
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com