Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS4200 Datasheet(PDF) 5 Page - Microchip Technology

Part # PS4200
Description  PS402 Battery Manager Module with LED SOC Display
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PS4200 Datasheet(HTML) 5 Page - Microchip Technology

  PS4200 Datasheet HTML 1Page - Microchip Technology PS4200 Datasheet HTML 2Page - Microchip Technology PS4200 Datasheet HTML 3Page - Microchip Technology PS4200 Datasheet HTML 4Page - Microchip Technology PS4200 Datasheet HTML 5Page - Microchip Technology PS4200 Datasheet HTML 6Page - Microchip Technology PS4200 Datasheet HTML 7Page - Microchip Technology PS4200 Datasheet HTML 8Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
 2003 Microchip Technology Inc.
Preliminary
DS21768A-page 5
PS4200
TABLE 3-1:
BILL OF MATERIALS
ID
PartSmart Part Number
Symbols
Description
Manufacturer
Manufacturer
PN
Supplier
Supplier PN
Qty:
1
04-826156 Rev. 1.1
Raw PCB,
PS4200
Microchip
04-826156 Rev.
1.1
Microchip
04-826156 Rev. 1.1
1
2
CC-0603-10X7R50-1.0NF-01
C18
Capacitor,
Ceramic, 1.0nF,
50V, +/-10%,
X7R dielectric,
0603
Panasonic
ECJ-
1VB1H102K
Digikey
PCC1772CT-ND
1
3
CC-0603-8020Y5V25-100NF-01
C16-C17
Capacitor,
Ceramic, 100nF,
25V, +80%/-20%,
Y5V dielectric,
0603
Panasonic
ECJ-
1VF1E104Z
Digikey
PCC1794CT-ND
2
4
CC-0805-8020Y5V25-330NF-01
C5, C7
Capacitor,
Ceramic, 330nF,
25V, +80%/-20%,
Y5V dielectric,
0805
Panasonic
ECJ-
2YF1E334Z
Digikey
PCC1856CT-ND
2
5
CC-1206-10X7R25-330NF-01
C1
Capacitor,
Ceramic, 330nF,
25V, +/-10%,
X7R dielectric,
1206
Panasonic
ECJ-
3VB1E334K
Digikey
PCC1889CT-ND
1
6
DL-1206LED-GC-SMLLX1206GC-01
LED0-
LED3
LED, clear green,
1206 package
Lumex
SML-
LX1206GC-TR
Digikey
67-1357-1-ND
4
7
DT-SMB-X-SMBJ20A-01
D3
TVS, 20V, 600W,
unipolar, SMB
package
Diodes, Inc.
Crydom
Central Semi.
SMBJ20A-13
SMBJ20A
1SMB20A-PST
Digikey
Digikey
Central Semi.
SMBJ20ADICT-ND
SMBJ20ACCCT-ND
1SMB20A-PST
1
8
DZ-SOT23-5D-AZ23C5V6-01
D1, D2
Dual Zener
Diode, 5.6V +/-
5%, 300mW,
common-anode,
SOT-23
Diodes Inc.
General
Semi.
AZ23C5V6-7
AZ23-C5V6
Digikey
General
Semi.
AZ23C5V6DICT-ND
AZ23-C5V6
2
9
RF-0603-1-221K-01
R26
Resistor, film,
0603, 1%, 221K
ohms
Panasonic
ERJ-
3EKF2213V
Digikey
P221KHCT-ND
1
10
RF-0603-1-3.65K-01
R1
Resistor, film,
0603, 1%, 3.65K
ohms
Panasonic
ERJ-
3EKF3651V
Digikey
P3.65KHCT-ND
1
11
RF-0603-5-0-01
R16
Resistor, zero-
ohm, 0603
Panasonic
ERJ-
3GEY0R00V
Digikey
P0.0GCT-ND
1
12
RF-0603-5-150-01
R5-R8
Resistor, film,
0603, 5%, 150
ohms
Panasonic
ERJ-
3GEYJ151V
Digikey
P150GCT-ND
4
13
RF-0603-5-15-01
R32
Resistor, film,
0603, 5%, 15
ohms
Panasonic
ERJ-
3GEYJ150V
Digikey
P15GCT-ND
1
14
RF-0603-5-5.1K-01
R29
Resistor, film,
0603, 5%, 5.1K
ohms
Panasonic
ERJ-
3GEYJ512V
Digikey
P5.1KGCT-ND
1
15
RF-0805-5-360-01
R9-R10
Resistor, film,
0805, 5%, 360
ohms
Panasonic
ERJ-
6GEYJ361V
Digikey
P360ACT-ND
2
16
RF-2512-1-0.020-01
R36
Resistor, metal
strip, 2512, 1%,
0.020 ohms
Vishay
WSL2512-
0.020-1%-R86
Vishay
WSL2512-0.020-1%-
R86
1
17
RT-0603-2-103KT16082P-01
R35
Thermistor, 10K
ohms at 25C, B
value 3435, -40C
to 125C operat-
ing temperature
range, 0603 SMT
package
Semitec
103KT1608-2P
Semitec
103KT1608-2P
1
18
SW-SWSMD65X52-SPSTM-
SKQGADE010-01
SW1
Switch, SPST-
momentary,
pushbutton, sur-
face-mount
ALPS
SKQGADE010
ALPS
SKQGADE010
1
19
UM-SSOP28-2585-PS402-01
U1
IC, Single-chip
NiMH Battery
Manager, pro-
grammable, -25C
to 85C, SSOP-28
Microchip
PS402
Microchip
PS402
1



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com