Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMH6704MF Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMH6704MF
Description  650 MHz Progammable Gain Buffer with Disable
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMH6704MF Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button LMH6704MF Datasheet HTML 3Page - National Semiconductor (TI) LMH6704MF Datasheet HTML 4Page - National Semiconductor (TI) LMH6704MF Datasheet HTML 5Page - National Semiconductor (TI) LMH6704MF Datasheet HTML 6Page - National Semiconductor (TI) LMH6704MF Datasheet HTML 7Page - National Semiconductor (TI) LMH6704MF Datasheet HTML 8Page - National Semiconductor (TI) LMH6704MF Datasheet HTML 9Page - National Semiconductor (TI) LMH6704MF Datasheet HTML 10Page - National Semiconductor (TI) LMH6704MF Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Application Information
GENERAL INFORMATION
The LMH6704 is a high speed current feedback Selectable
Gain Buffer (SGB), optimized for very high speed and low
distortion. With its internal feedback and gain-setting resis-
tors the LMH6704 offers excellent AC performance while
simplifying board layout and minimizing the affects of layout
related parasitic components. The LMH6704 has no internal
ground reference so single or split supply configurations are
both equally useful.
SETTING THE CLOSED LOOP GAIN
The LMH6704 is a current feedback amplifier with on-chip
R
F =RG = 465
Ω. As such it can be configured with an A
V =
+2, A
V = +1, or an AV = −1 by connecting pins 3 and 4 as
described in the chart below.
GAIN A
V
Input Connections
Non-Inverting (Pin 3)
Inverting (Pin 4)
−1 V/V
Ground
Input Signal
+1 V/V
Input Signal
NC (Open)
+2 V/V
Input Signal
Ground
The gain accuracy of the LMH6704 is accurate and guaran-
teed over temperature to within ±1%. The internal gain
setting resistors, R
Fand RG, match very well. The LMH6704
architecture takes advantage of the fact that the internal gain
setting resistors track each other well over a wide range of
temperature and process variation to keep the overall gain
constant, despite the fact that the individual resistors have
nominal temperature drifts. Therefore, using external resis-
tors in series with R
G to change the gain will result in poor
gain accuracy over temperature.
20103603
FIGURE 1. Recommended Gain of +2 Circuit
20103604
FIGURE 2. Recommended Gain of +1 Circuit
20103605
FIGURE 3. Recommended Gain of −1 Circuit
20103609
FIGURE 4. Alternate Unity Gain Configuration
www.national.com
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com