Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMH6704MF Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMH6704MF
Description  650 MHz Progammable Gain Buffer with Disable
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMH6704MF Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button LMH6704MF Datasheet HTML 4Page - National Semiconductor (TI) LMH6704MF Datasheet HTML 5Page - National Semiconductor (TI) LMH6704MF Datasheet HTML 6Page - National Semiconductor (TI) LMH6704MF Datasheet HTML 7Page - National Semiconductor (TI) LMH6704MF Datasheet HTML 8Page - National Semiconductor (TI) LMH6704MF Datasheet HTML 9Page - National Semiconductor (TI) LMH6704MF Datasheet HTML 10Page - National Semiconductor (TI) LMH6704MF Datasheet HTML 11Page - National Semiconductor (TI) LMH6704MF Datasheet HTML 12Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Application Information (Continued)
P
MAX = (150˚ – TAMB)/
θ
JA, where TAMB = Ambient tempera-
ture (˚C) and
θ
JA = Thermal resistance, from junction to
ambient, for a given package (˚C/W). For the SOT23-6 pack-
age
θ
JA is 187˚C/W.
ESD PROTECTION
The LMH6704 is protected against electrostatic discharge
(ESD) on all pins. The LMH6704 will survive 2000V Human
Body model and 200V Machine model events. Input and
Output pins have ESD diodes to either supply pin (V
+ and
V
−) which are reverse biased and essentially have no effect
under most normal operating conditions. There are occa-
sions, however, when the ESD diodes will be evident. If the
LMH6704 is driven by a large signal while the device is
powered down, the ESD diodes might enter forward operat-
ing region and conduct. The current that flows through the
ESD diodes will either exit the chip through the supply pins
or will flow through the device, hence it is possible to inad-
vertently power up the LMH6704 with a large signal applied
to the input pins. Shorting the power pins to each other will
prevent the chip from being powered up through the input.
www.national.com
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com